Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP04FS-REEL Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMP04FS-REEL
Description  Precision Single Supply Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMP04FS-REEL Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMP04FS-REEL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMP04FS-REEL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMP04FS-REEL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMP04FS-REEL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMP04FS-REEL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AMP04FS-REEL Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AMP04FS-REEL Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AMP04FS-REEL Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AMP04FS-REEL Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AMP04
REV. B
–10–
APPLICATION CIRCUITS
Low Power Precision Single Supply RTD Amplifier
Figure 11 shows a linearized RTD amplifier that is powered
from a single 5 volt supply. However, the circuit will work up to
36 volts without modification. The RTD is excited by a 100
µA
constant current that is regulated by amplifier A (OP295). The
0.202 volts reference voltage used to generate the constant current
is divided down from the 2.500 volt reference. The AMP04 ampli-
fies the bridge output to a 10 mV/
°C output coefficient.
R10
100
R2
26.7k
RSENSE
1k
VOUT
FULL-SCALE
ADJ
0
4.00V
(0 C TO 400 C)
LINEARITY
ADJ.
(@1/2 FS)
NOTES: ALL RESISTORS
0.5%,
25 PPM/ C
ALL POTENTIOMETERS
25 PPM/ C
AMP04
R8
383
R9
50
C1
0.47 F
1
7
3
2
4
5
8
6
1/2
OP295
1/2
OP295
R1
26.7k
500
R4
100
R6
11.5k
R5
1.02k
OUT
REF43
IN
GND
2.5V
R7
121k
50k
4
5
6
8
7
5V
2
5V
C2
0.1 F
C3
0.1 F
RTD
100
0.202V
6
4
1
2
3
R3
BALANCE
5V
A
B
Figure 11. Precision Single Supply RTD Thermometer
Amplifier
The RTD is linearized by feeding a portion of the signal back to
the reference circuit, increasing the reference voltage as the
temperature increases. When calibrated properly, the RTD’s
nonlinearity error will be canceled.
To calibrate, either immerse the RTD into a zero-degree ice
bath or substitute an exact 100
Ω resistor in place of the RTD.
Then adjust bridge BALANCE potentiometer R3 for a 0 volt
output. Note that a 0 volt output is also the negative output swing
limit of the AMP04 powered with a single supply. Therefore, be
sure to adjust R3 to first cause the output to swing positive and
then back off until the output just stops swinging negatively.
Next, set the LINEARITY ADJ potentiometer to the midrange.
Substitute an exact 247.04
Ω resistor (equivalent to 400°C
temperature) in place of the RTD. Adjust the FULL-SCALE
potentiometer for a 4.000 volts output.
Finally substitute a 175.84
Ω resistor (equivalent to 200°C
temperature), and adjust the LINEARITY ADJ potentiometer
for a 2.000 volts at the output. Repeat the full-scale and the
half-scale adjustments as needed.
When properly calibrated, the circuit achieves better than
±0.5°C accuracy within a temperature measurement range
from 0
°C to 400°C.
Precision 4-20 mA Loop Transmitter with Noninteractive Trim
Figure 12 shows a full bridge strain gage transducer amplifier
circuit that is powered off the 4-20 mA current loop. The AMP04
amplifies the bridge signal differentially and is converted to a
current by the output amplifier. The total quiescent current
drawn by the circuit, which includes the bridge, the amplifiers,
and the resistor biasing, is only a fraction of the 4 mA null
current that flows through the current-sense resistor RSENSE.
The voltage across RSENSE feeds back to the OP90’s input,
whose common-mode is fixed at the current summing reference
voltage, thus regulating the output current.
With no bridge signal, the 4 mA null is simply set up by the
50 k
Ω NULL potentiometer plus the 976 kΩ resistors that
inject an offset that forces an 80 mV drop across RSENSE. At a
50 mV full-scale bridge voltage, the AMP04 amplifies the
voltage-to-current converter for a full-scale of 20 mA at the
output. Since the OP90’s input operates at a constant 0 volt
common-mode voltage, the null and the span adjustments do
not interact with one another. Calibration is simple and easy
with the NULL adjusted first, followed by SPAN adjust. The
entire circuit can be remotely placed, and powered from the
4-20 mA 2-wire loop.
RSENSE
20
U1
AMP04
5k
10-TURN
2.49k
1
7
3
2
4
5
8
6
U2
OP90
50mV
FS
0.22 F
97.6k
3
2
B
976k
50k
HP
5082-2810
220pF
4
6
100k
5%
2k
5%
T1P29A
0.1 F
5.00V
OUT
REF02
N
GND
U3
1N4002
4mA NULL
13.3k
15.8k
3500
STRAIN
GAGE BRIDGE
7
20mA
SPAN
6
2
4
+VS
12V TO 36V
RLOAD
100
4-20mA
INULL + ISPAN
UNLESS OTHERWISE SPECIFIED, ALL RESISTORS
1%
OR BETTER POTENTIOMETER < 50 PPM/ C
Figure 12. Precision 4-20 mA Loop Transmitter Features Noninteractive Trims


Similar Part No. - AMP04FS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04FS-REEL AD-AMP04FS-REEL Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
AMP04FS-REEL AD-AMP04FS-REEL Datasheet
339Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04FS-REEL7 AD-AMP04FS-REEL7 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
AMP04FS-REEL7 AD-AMP04FS-REEL7 Datasheet
339Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04FS-REEL7 AD-AMP04FS-REEL7 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
More results

Similar Description - AMP04FS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com