Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F51114ADFM30 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R5F51114ADFM30
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51114ADFM30 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R5F51114ADFM30 Datasheet HTML 22Page - Renesas Technology Corp R5F51114ADFM30 Datasheet HTML 23Page - Renesas Technology Corp R5F51114ADFM30 Datasheet HTML 24Page - Renesas Technology Corp R5F51114ADFM30 Datasheet HTML 25Page - Renesas Technology Corp R5F51114ADFM30 Datasheet HTML 26Page - Renesas Technology Corp R5F51114ADFM30 Datasheet HTML 27Page - Renesas Technology Corp R5F51114ADFM30 Datasheet HTML 28Page - Renesas Technology Corp R5F51114ADFM30 Datasheet HTML 29Page - Renesas Technology Corp R5F51114ADFM30 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 26 of 107
Jun 19, 2013
RX111 Group
1. Overview
Note 1. Not 5 V tolerant.
Table 1.9
List of Pins and Pin Functions (36-Pin WFLGA)
Pin
No.
Power Supply,
Clock, System
Control
I/O Port
Timers
(MTU, POE, RTC)
Communication
(SCIe, SCIf, RSPI, RIIC, USB)
Others
A1
AVSS0
A2
AVCC0
A3
VREFH0
PJ6
A4
P42
AN002
A5
P41
AN001
A6
PE2
MTIOC4A
RXD12/RXDX12/SMISO12/SSCL12
IRQ7/AN010
B1
RES#
B2
P27
MTIOC2B
SCK1/SCK12
IRQ3/CMPA2/CACREF/
ADTRG0#
B3
VREFL0
PJ7
B4
PE0
MTIOC2A/POE3#
SCK12
IRQ0/AN008
B5
PE1
MTIOC4C
TXD12/TXDX12/SIOX12/SMOSI12/
SSDA12
IRQ1/AN009
B6
PA3
MTIOC0D/MTCLKD/
MTIOC1B/POE0#
RXD5/SMISO5/SSCL5/MISOA
IRQ6
C1
XTAL
C2
MD
FINED
C3
PE3
MTIOC0A/MTIOC1B/
MTIOC4B/POE8#
CTS12#/RTS12#/SS12#/RSPCKA
IRQ3/AN011
C4
PE4
MTIOC1A/MTIOC3A/
MTIOC4D
MOSIA
IRQ4/AN012
C5
PA4
MTIOC2B/MTIC5U/MTCLKA
TXD5/SMOSI5/SSDA5/SSLA0
IRQ5
C6
VSS
D1
EXTAL
D2
UPSEL
P35
NMI
D3
UB#
P14
MTIOC0A/MTIOC3A/
MTCLKA
CTS1#/RTS1#/SS1#/SSLA0/TXD12/
TXDX12/SIOX12/SMOSI12/
SSDA12/USB0_OVRCURA
IRQ4
D4
PA6
MTIC5V/MTCLKB/MTIOC2A/
POE2#
CTS5#/RTS5#/SS5#/SDA0/MOSIA
IRQ3
D5
PB3
MTIOC0A/MTIOC3B/
MTIOC4A/POE3#
USB0_OVRCURA
D6
PB0
MTIOC0C/MTIC5W
SCL0/RSPCKA
IRQ2/ADTRG0#
E1
VCL
E2
P17
MTIOC0C/MTIOC3A/
MTIOC3B/POE8#
SCK1/MISOA/SDA0/RXD12/
RXDX12/SMISO12/SSCL12
IRQ7
E3
P16
MTIOC3C/MTIOC3D
TXD1/SMOSI1/SSDA1/SCL0/
MOSIA/USB0_VBUSEN/
USB0_OVRCURB/USB0_VBUS
IRQ6/ADTRG0#
E4
P15
MTIOC0B/MTCLKB
RXD1/SMISO1/SSCL1/RSPCKA
IRQ5/CLKOUT
E5
PC4
MTIOC3D/MTCLKC/POE0#
SCK5/SSLA0/USB0_VBUSEN/
USB0_VBUS*1
IRQ2/CLKOUT
E6
VCC
F1
VSS
F2
VCC
F3
VCC_USB
F4
USB0_DM
F5
USB0_DP
F6
VSS_USB


Similar Part No. - R5F51114ADFM30

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51114ADFM3A RENESAS-R5F51114ADFM3A Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
More results

Similar Description - R5F51114ADFM30

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com