Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-261N-360E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-261N-360E
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261N-360E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261N-360E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-360E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-360E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-360E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-360E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-360E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-360E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-360E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-360E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
+85
°C
Average Input Current
I
F(AVG)
10
mA
1
Reverse Input Voltage
V
R
3
Volts
Supply Voltage
V
CC
-0.5
7
Volts
2
Enable Input Voltage
V
E
-0.5
5.5
Volts
Output Collector Current (Each Channel)
I
O
50
mA
Output Power Dissipation (Each Channel)
P
O
60
mW
3
Output Voltage (Each channel)
V
O
-0.5
7
Volts
Lead Solder Temperature
260°C for 10 s, 1.6 mm Below Seating Plane
(Through Hole Parts Only)
Solder Reflow Temperature Profile
See Package Outline Drawings section
(Surface Mount Parts Only)
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Voltage, Low Level
V
FL
-3
0.8
V
Input Current, High Level
I
FH
3.0
10
mA
Power Supply Voltage
V
CC
4.5
5.5
Volts
High Level Enable Voltage
V
EH
2.0
V
CC
Volts
Low Level Enable Voltage
V
EL
0
0.8
Volts
Fan Out (at R
L = 1 kΩ)
N
5
TTL Loads
Output Pull-up Resistor
R
L
330
4k
Ω
Operating Temperature
T
A
-40
85
°C


Similar Part No. - HCPL-261N-360E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261N-360E AVAGO-HCPL-261N-360E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Similar Description - HCPL-261N-360E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-063N-000E AVAGO-HCPL-063N-000E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com