Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK634247YG Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXK634247YG
Description  Narrow pitch connectors (0.5mm pitch) Automatic mounting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK634247YG Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXK634247YG Datasheet HTML 1Page - Panasonic Semiconductor AXK634247YG Datasheet HTML 2Page - Panasonic Semiconductor AXK634247YG Datasheet HTML 3Page - Panasonic Semiconductor AXK634247YG Datasheet HTML 4Page - Panasonic Semiconductor AXK634247YG Datasheet HTML 5Page - Panasonic Semiconductor AXK634247YG Datasheet HTML 6Page - Panasonic Semiconductor AXK634247YG Datasheet HTML 7Page - Panasonic Semiconductor AXK634247YG Datasheet HTML 8Page - Panasonic Semiconductor AXK634247YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5(S)/6(S))
ACCTB22E 201303-T
Notes: 1. Regarding ordering units: During production: Please make orders in 1 reel units.
Samples for mounting confirmation: Available in units of 50 pieces. Please contact our sales office.
Samples: Small lot orders are possible.
2. The standard type comes without positioning bosses (However, mated heights of 4 mm or higher and 120 pins or more comes standard with bosses). Connectors
with positioning bosses are available for on-demand production.
Product
name
Mated
height
No. of pins
Part No.
Packing
Socket
Header
Inner carton (1 reel)
Outer carton
P5KS
7.0 mm
20
AXK5S20347YG
AXK6S20447YG
Socket: 1,000 pieces
Header: 1,500 pieces
Socket: 2,000 pieces
Header: 3,000 pieces
30
AXK5S30347YG
AXK6S30447YG
40
AXK5S40347YG
AXK6S40447YG
50
AXK5S50347YG
AXK6S50447YG
60
AXK5S60347YG
AXK6S60447YG
70
AXK5S70347YG
AXK6S70447YG
80
AXK5S80347YG
AXK6S80447YG
100
AXK5S00347YG
AXK6S00447YG
8.0 mm
20
AXK5S20347YG
AXK6S20547YG
1,000 pieces
2,000 pieces
30
AXK5S30347YG
AXK6S30547YG
40
AXK5S40347YG
AXK6S40547YG
50
AXK5S50347YG
AXK6S50547YG
60
AXK5S60347YG
AXK6S60547YG
70
AXK5S70347YG
AXK6S70547YG
80
AXK5S80347YG
AXK6S80547YG
100
AXK5S00347YG
AXK6S00547YG
9.0 mm
20
AXK5S20347YG
AXK6S20647YG
30
AXK5S30347YG
AXK6S30647YG
40
AXK5S40347YG
AXK6S40647YG
50
AXK5S50347YG
AXK6S50647YG
60
AXK5S60347YG
AXK6S60647YG
70
AXK5S70347YG
AXK6S70647YG
80
AXK5S80347YG
AXK6S80647YG
100
AXK5S00347YG
AXK6S00647YG


Similar Part No. - AXK634247YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK634247YG PANASONIC-AXK634247YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK634247YG PANASONIC-AXK634247YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK634247YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN316038S PANASONIC-AXN316038S Datasheet
228Kb / 13P
   Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com