Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CB1B-XYBDD Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB1B-XYBDD
Description  New 5mm Blue and Green LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB1B-XYBDD Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CB1B-XYBDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Intensity Bin Limit Table (1.3:1 Iv bin ratio)
Bin
Intensity (mcd) at 20mA
Min
Max
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Y
9300
12000
Z
12000
16000
1
16000
21000
2
21000
27000
3
27000
35000
4
35000
45000
5
45000
59000
6
59000
76000
Tolerance for each bin limit is ± 15%
Blue Color Bin Table
Bin
Min
Dom
Max
Dom
Corner
Point Chromaticity Coordinate
1
460
464
x
0.1440
0.1818 0.1766 0.1374
y
0.0297
0.0904 0.0966 0.0374
2
464
468
x
0.1374
0.1766 0.1699 0.1291
y
0.0374
0.0966 0.1062 0.0495
3
468
472
x
0.1291
0.1699 0.1616 0.1187
y
0.0495
0.1062 0.1209 0.0671
4
472
476
x
0.1187
0.1616 0.1517 0.1063
y
0.0671
0.1209 0.1423 0.0945
5
476
480
x
0.1063
0.1517 0.1397 0.0913
y
0.0945
0.1423 0.1728 0.1327
Tolerance for each bin limit is ± 0.5 nm
Green Color Bin Table
Bin
Min
Dom
Max
Dom
Corner
Point Chromaticity Coordinate
1
519
523
x
0.0667
0.1200 0.1450 0.0979
y
0.8323
0.7375 0.7319 0.8316
2
523
527
x
0.0979
0.1450 0.1711 0.1305
y
0.8316
0.7319 0.7218 0.8189
3
527
531
x
0.1305
0.1711 0.1967 0.1625
y
0.8189
0.7218 0.7077 0.8012
4
531
535
x
0.1625
0.1967 0.2210 0.1929
y
0.8012
0.7077 0.6920 0.7816
5
535
539
x
0.1929
0.2210 0.2445 0.2233
y
0.7816
0.6920 0.6747 0.7600
Tolerance for each bin limit is ± 0.5 nm.
Note:
1. All bin categories are established for classification of products. Products may not be available in all bin categories. Please contact your Avago
representative for further information.


Similar Part No. - HLMP-CB1B-XYBDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB1B-XYBDD AVAGO-HLMP-CB1B-XYBDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps High luminous output
logo
Broadcom Corporation.
HLMP-CB1B-XYBDD BOARDCOM-HLMP-CB1B-XYBDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

Similar Description - HLMP-CB1B-XYBDD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
HLMP-CB1A-XY0DD AVAGO-HLMP-CB1A-XY0DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps High luminous output
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-PM00-N0000 AVAGO-HLMP-PM00-N0000 Datasheet
145Kb / 7P
   Subminiature Blue and Green InGaN LED Lamps
logo
A-BRIGHT Inc
AL-513B3C A-BRIGHT-AL-513B3C Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513B3C-A A-BRIGHT-AL-513B3C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513B4C-A A-BRIGHT-AL-513B4C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/25
AL-513B5C-A A-BRIGHT-AL-513B5C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com