Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARN12A4HZ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ARN12A4HZ
Description  8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARN12A4HZ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ARN12A4HZ Datasheet HTML 1Page - Panasonic Semiconductor ARN12A4HZ Datasheet HTML 2Page - Panasonic Semiconductor ARN12A4HZ Datasheet HTML 3Page - Panasonic Semiconductor ARN12A4HZ Datasheet HTML 4Page - Panasonic Semiconductor ARN12A4HZ Datasheet HTML 5Page - Panasonic Semiconductor ARN12A4HZ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RN (ARN)
ASCTB71E 201202-T
ORDERING INFORMATION
TYPES
1. Single side stable type
Standard packing: 50 pcs. in an inner package (carton); 500 pcs. in an outer package
2. 2 coil latching type
Standard packing: 50 pcs. in an inner package (carton); 500 pcs. in an outer package
3. Single side stable type
Standard packing: 400 pcs. in an inner package (tape and reel); 800 pcs. in an outer package
* Please add an X (picked from 1 pin side) or Z (picked from 13 pin side) at the end of the part number when ordering.
*Packing style symbol “X”, “Z” is not marked on the relay.
8GHz*, 150W CARRYING
POWER (at 2GHz)
MICROWAVE RELAYS
RN RELAYS (ARN)
Contact arrangement
Nominal coil voltage
Part No.
Standard contact type
Reversed contact type
1 Form C
4.5 V DC
ARN10A4H
ARN30A4H
12
V DC
ARN10A12
ARN30A12
24
V DC
ARN10A24
ARN30A24
Contact arrangement
Nominal coil voltage
Part No.
Standard contact type
1 Form C
4.5 V DC
ARN12A4H
12
V DC
ARN12A12
24
V DC
ARN12A24
Contact arrangement
Nominal coil voltage
Part No.
Standard contact type
Reversed contact type
1 Form C
4.5 V DC
ARN10A4H
ARN30A4H
12
V DC
ARN10A12
ARN30A12
24
V DC
ARN10A24
ARN30A24
*Rating is 6 GHz. Please refer to “REFERENCE DATA” regarding usage between 6 and 8 GHz.
Protective construction: Flux-resistant type
RoHS compliant
FEATURES
1. 150 W carrying power possible
(at 2GHz)
2. Excellent high frequency
characteristics
Low insertion loss: Max. 0.12 dB
(at 2GHz)
3. Miniature size and Surface mount
(SMD) type
L: 9.6
× W: 14.6 × H: 10 mm
L: .378
× W: .575 × H: .394 inch
TYPICAL APPLICATIONS
• Base stations (Transmitter section)
Mobile phone, terrestrial digital, etc.
• Measuring equipment market
Spectrum analyzer and oscilloscope,
etc.
• Other applications
High-frequency amp switching in
wireless devices, etc.
If you wish to use in applications with
low level loads or with high frequency
switching, please consult us.
New
Contact arrangement
1: 1 Form C standard contact type
3: 1 Form C reversed contact type
(single side stable type only)
Terminal shape
A: Surface mount terminal
ARN
A
Operating function
0: Single side stable type
2: 2 coil latching type
Coil voltage, DC*
4H: 4.5 V, 12: 12 V, 24: 24 V (H=0.5)
* For 28 V type, please consult us.
Packing style
Nil:
X:
Z:
Carton packing
Tape and reel packing (picked from 1 pin side)
Tape and reel packing (picked from 13 pin side)


Similar Description - ARN12A4HZ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6023 RFMD-RFSW6023 Datasheet
660Kb / 10P
   25dB Isolation at 2GHz
logo
Nais(Matsushita Electri...
ARJ2003 NAIS-ARJ2003 Datasheet
602Kb / 5P
   SMD RELAYS WITH 8GHz CAPABILITIES
logo
Panasonic Semiconductor
ARXP1003 PANASONIC-ARXP1003 Datasheet
156Kb / 5P
   3 GHz MICROWAVE RELAY WITH 60 W CARRYING POWER
logo
Siemens Semiconductor G...
BFR14B SIEMENS-BFR14B Datasheet
142Kb / 5P
   NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
BFR14C SIEMENS-BFR14C Datasheet
122Kb / 4P
   NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
logo
M/A-COM Technology Solu...
MRF1150MA MA-COM-MRF1150MA Datasheet
196Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
logo
Linear Technology
LTC5548 LINER-LTC5548 Datasheet
193Kb / 6P
   2GHz to 14GHz Microwave Mixer with Low IF Frequency
logo
M/A-COM Technology Solu...
MRF1150MB MA-COM-MRF1150MB Datasheet
191Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 1025-1150MHz
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com