Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX09-2TQ100I Datasheet(PDF) 28 Page - Microsemi Corporation

Part # A42MX09-2TQ100I
Description  40MX and 42MX FPGA Families
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A42MX09-2TQ100I Datasheet(HTML) 28 Page - Microsemi Corporation

Back Button A42MX09-2TQ100I Datasheet HTML 24Page - Microsemi Corporation A42MX09-2TQ100I Datasheet HTML 25Page - Microsemi Corporation A42MX09-2TQ100I Datasheet HTML 26Page - Microsemi Corporation A42MX09-2TQ100I Datasheet HTML 27Page - Microsemi Corporation A42MX09-2TQ100I Datasheet HTML 28Page - Microsemi Corporation A42MX09-2TQ100I Datasheet HTML 29Page - Microsemi Corporation A42MX09-2TQ100I Datasheet HTML 30Page - Microsemi Corporation A42MX09-2TQ100I Datasheet HTML 31Page - Microsemi Corporation A42MX09-2TQ100I Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 142 page
background image
40MX and 42MX FPGA Families
1- 24
R e v i sio n 1 1
Output Drive Characteristics for 3.3 V PCI Signaling
Table 1-19 • DC Specification (3.3 V PCI Signaling)1
PCI
MX
Symbol
Parameter
Condition
Min.
Max.
Min.
Max.
Units
VCCI
Supply Voltage for I/Os
3.0
3.6
3.0
3.6
V
VIH
Input High Voltage
0.5
VCC + 0.5
0.5
VCCI + 0.3
V
VIL
Input Low Voltage
–0.5
0.8
–0.3
0.8
V
IIH
Input High Leakage Current
VIN = 2.7V
70
10
µA
IIL
Input Leakage Current
–70
–10
µA
VOH
Output High Voltage
IOUT = –2 mA
0.9
3.3
V
VOL
Output Low Voltage
IOUT = 3 mA, 6 mA
0.1
0.1 VCCI
V
CIN
Input Pin Capacitance
10
10
pF
CCLK
CLK Pin Capacitance
5
12
10
pF
LPIN
Pin Inductance
20
< 8 nH3
nH
Notes:
1. PCI Local Bus Specification, Version 2.1, Section 4.2.2.1.
2. Maximum rating for VCCI –0.5V to 7.0V.
3. Dependent upon the chosen package. PCI recommends QFP and BGA packaging to reduce pin inductance and
capacitance.
Table 1-20 • AC Specifications for (3.3 V PCI Signaling)*
PCI
MX
Symbol
Parameter
Condition
Min.
Max.
Min.
Max.
Units
ICL
Low Clamp Current
–5 < VIN
–1
–25 + (VIN +1) /0.015
–60
–10
mA
Slew (r) Output Rise Slew Rate
0.2 V to 0.6 V load
1
4
1.8
2.8
V/ns
Slew (f)
Output Fall Slew Rate
0.6 V to 0.2 V load
1
4
2.8
4.0
V/ns
Note:
*PCI Local Bus Specification, Version 2.1, Section 4.2.2.2.


Similar Part No. - A42MX09-2TQ100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A42MX09-2TQ100I ETC1-A42MX09-2TQ100I Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX09-2TQ100I MICROSEMI-A42MX09-2TQ100I Datasheet
2Mb / 173P
   40MX and 42MX FPGA
More results

Similar Description - A42MX09-2TQ100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com