Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXN330238S Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AXN330238S
Description  Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXN330238S Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AXN330238S Datasheet HTML 2Page - Panasonic Semiconductor AXN330238S Datasheet HTML 3Page - Panasonic Semiconductor AXN330238S Datasheet HTML 4Page - Panasonic Semiconductor AXN330238S Datasheet HTML 5Page - Panasonic Semiconductor AXN330238S Datasheet HTML 6Page - Panasonic Semiconductor AXN330238S Datasheet HTML 7Page - Panasonic Semiconductor AXN330238S Datasheet HTML 8Page - Panasonic Semiconductor AXN330238S Datasheet HTML 9Page - Panasonic Semiconductor AXN330238S Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXN(1/3/4)
ACCTB25E 201303-T
DIMENSIONS (Unit: mm)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
• Mated height 3.0mm, 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 7.0mm, 8.0mm, 13.0mm, 14.0mm type
1) Socket
Dimension table (mm)
No. of
pins
A
B
C
D
E
F
12
7.40
4.00
6.30
6.30
4.00
0.10
14
8.20
4.80
7.10
7.10
4.80
16
9.00
5.60
7.90
7.90
5.60
20
10.60
7.20
9.50
9.50
7.20
22
11.40
8.00
10.30
10.30
8.00
24
12.20
8.80
11.10
11.10
8.80
26
13.00
9.60
11.90
11.90
9.60
30
14.60
11.20
13.50
13.50
11.20
34
16.20
12.80
15.10
15.10
12.80
40
18.60
15.20
17.50
17.50
15.20
50
23.40
19.20
21.50
21.50
19.20
0.15
60
27.40
23.20
25.50
25.50
23.20
64
29.00
24.80
27.10
27.10
24.80
80
35.40
31.20
33.50
33.50
31.20
100
43.40
39.20
41.50
41.50
39.20
Mated height
G
3.0mm, 4.0mm, 5.0mm common
2.20
3.5mm, 4.5mm, 5.5mm common
2.70
6.0mm, 7.0mm, 8.0mm, 13.0mm, 14.0mm common
5.20
General tolerance:
±0.3
G
C
±0.1
0.8
±0.05 dia.
A
B
±0.15
0.80
±0.1
0.80
±0.1
0.35
±0.1
Terminal coplanarity
F
Recommended PC board pattern
(TOP VIEW)
D
±0.05
0.50
±0.05
0.80
±0.05
0.80
±0.05
E
±0.05
2-0.9
dia. hole
+0.1
0
CAD Data
2) Header
Dimension table (mm)
Note: The 13 mm mated height (20 to 80 pin contacts) terminal
flatness is 0.1 mm.
No. of
pins
A
B
C
D
E
F
12
8.45
4.00
6.30
6.30
4.00
0.10
14
9.25
4.80
7.10
7.10
4.80
16
10.05
5.60
7.90
7.90
5.60
20
11.65
7.20
9.50
9.50
7.20
22
12.45
8.00
10.30
10.30
8.00
24
13.25
8.80
11.10
11.10
8.80
26
14.05
9.60
11.90
11.90
9.60
30
15.65
11.20
13.50
13.50
11.20
34
17.25
12.80
15.10
15.10
12.80
40
19.65
15.20
17.50
17.50
15.20
50
25.85
19.20
21.50
21.50
19.20
Note)
0.15
60
29.85
23.20
25.50
25.50
23.20
64
31.45
24.80
27.10
27.10
24.80
80
37.85
31.20
33.50
33.50
31.20
100
45.85
39.20
41.50
41.50
39.20
Mated height
G
3.0mm, 3.5mm, 6.0mm common
2.72
4.0mm, 4.5mm, 7.0mm common
3.72
5.0mm, 5.5mm, 8.0mm common
4.72
13.0mm
10.14
14.0mm
11.14
General tolerance:
±0.3
C
±0.1
A
B
±0.15
G
0.8
±0.05 dia.
0.80
±0.1
0.80
±0.1
0.35
±0.1
Terminal coplanarity
F
Recommended PC board pattern
(TOP VIEW)
D
±0.05
E
±0.05
0.80
±0.05
0.80
±0.05
0.50
±0.05
2-0.9
dia. hole
+0.1
0
CAD Data


Similar Part No. - AXN330238S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results

Similar Description - AXN330238S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com