Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARN10A12X Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ARN10A12X
Description  8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARN10A12X Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ARN10A12X Datasheet HTML 1Page - Panasonic Semiconductor ARN10A12X Datasheet HTML 2Page - Panasonic Semiconductor ARN10A12X Datasheet HTML 3Page - Panasonic Semiconductor ARN10A12X Datasheet HTML 4Page - Panasonic Semiconductor ARN10A12X Datasheet HTML 5Page - Panasonic Semiconductor ARN10A12X Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RN (ARN)
ASCTB71E 201202-T
NOTES
1. Regarding cautions for use, please refer to “GENERAL
APPLICATION GUIDELINES” on our general catalog.
2. Coil operating power
Pure DC current should be applied to the coil. If it includes
ripple, the ripple factor should be less than 5%. However, check
it with the actual circuit since the characteristics may be slightly
different. The wave form of power should be rectangular. To
ensure accurate operation, the voltage on both sides of the coil
should be
±5% (at 20°C 68°F) of the nominal coil voltage. Also,
please note that the pick-up and drop-out voltages (set and reset
voltages) will change depending on operation temperature and
conditions of use.
3. Coil connection
This relay is polarized relay, the coil voltage must be applied with
correct polarity.
4. External magnetic field
Since RN relays are highly sensitive polarized relays, their
characteristics will be affected by a strong external magnetic
field. Avoid using the relay under that condition.
5. Cleaning
This product is not sealed type, therefore washing is not allowed.
6. Conditions for operation, transport and storage
1) Temperature: –40 to +85
°C –40 to +185°F (But allowable
temperature is from –40 to +60
°C –40 to +140°F at our standard
packing condition.)
2) Humidity: 5 to 85% R.H. (Avoid freezing and condensation.)
The humidity range varies with the temperature. Use within the
range indicated in the graph below.
3) Atmospheric pressure: 86 to 106 kPa
Temperature and humidity range for usage, transport, and
storage
4) Condensation
Condensation forms when there is a sudden change in
temperature under high temperature and high humidity
conditions. Condensation will cause deterioration of the relay
insulation.
5) Freezing
Condensation or other moisture may freeze on the relay when
the temperature is lower than 0
°C 32°F. This causes problems
such as sticking of movable parts or operational time lags.
6) Low temperature and low humidity environments
The plastic becomes brittle if the relay is exposed to a low
temperature, low humidity environment for long periods of time.
7) Storage requirements
Since the relay is sensitive to humidity, it comes in sealed anti-
humidity packaging. However, when storing, please be careful of
the following.
(1) Please use promptly once the anti-humidity pack is opened.
(2) When storing for a log period after opening the anti-humidity
pack, storage in anti-humidity packaging with an antihumidity
bag to which silica gel has been added, is recommended.
*Furthermore, if the relay is solder mounted when it has been
subjected to excessive humidity, cracks and leaks can occur. Be
sure to mount the relay under the required mounting conditions.
7. Soldering
Please meet the following conditions if this relay is to be
automatically soldered.
1) Position of measuring temperature
2) IR (infrared reflow) soldering method
• Mounting cautions
Rise in relay temperature depends greatly on the component
mix on a given PC board and the heating method of the reflow
equipment. Therefore, please test beforehand using actual
equipment to ensure that the temperature where the relay
terminals are soldered and the temperature at the top of the
relay case are within the conditions given above.
3) Please meet the following conditions if this relay is to be
soldered by hand.
(1) Max. 260
°C 500°F (solder temperature), within 10 seconds
(soldering time)
(2) Max. 350
°C 662°F (solder temperature), within 3 seconds
(soldering time)
The effect on the relay depends on the actual PC board used.
Please verify the PC board to be used.
8. Tape and reel packing
1) Tape dimensions (General tolerance:
±0.1 ±.004)
2) Dimensions of plastic reel
85
5
Humidity, %RH
Tolerance range
(Avoid
condensation
when used at
temperatures
higher than
0
°C 32°F)
(Avoid freezing
when used at
temperatures
lower than
0
°C 32°F)
85
0
–40
+185
+32
–40
Temperature,
°C °F
A
A: Surface of PC board where relay is mounted.
T1
T2
T3
t1
t2
T1 = 150 to 180
°C
T2 = 230
°C
T3 = 250
°C
302 to 356
°F
446
°F
482
°F
and higher
max.
t1 = 60s to 120s
t2 = within 30s
X type
Z type
.079
2.0
4.0
.157
24.0
±0.3
.945
±.012
.069
1.75
.787
20.0
.406
10.3
.020
0.5
.488
12.4
dia.
.059
+.004
0
dia.
1.5
+0.1
0
Direction indication
RN relay
Tape coming out direction
11.5
.453
15.0
.591
±0.2
24.4
+2.0
0
.961
+.079
0
2.0
±.008
.079
13
dia.
±0.2
.512
dia.
±.008
.827
dia.
±.031
21
dia.
±0.8
80 dia.
±1
3.150
dia.
±.039
380 dia.
±2
14.961
dia.
±.079
.079±
.020
2.0±
0.5


Similar Description - ARN10A12X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6023 RFMD-RFSW6023 Datasheet
660Kb / 10P
   25dB Isolation at 2GHz
logo
Nais(Matsushita Electri...
ARJ2003 NAIS-ARJ2003 Datasheet
602Kb / 5P
   SMD RELAYS WITH 8GHz CAPABILITIES
logo
Panasonic Semiconductor
ARXP1003 PANASONIC-ARXP1003 Datasheet
156Kb / 5P
   3 GHz MICROWAVE RELAY WITH 60 W CARRYING POWER
logo
Siemens Semiconductor G...
BFR14B SIEMENS-BFR14B Datasheet
142Kb / 5P
   NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
BFR14C SIEMENS-BFR14C Datasheet
122Kb / 4P
   NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
logo
M/A-COM Technology Solu...
MRF1150MA MA-COM-MRF1150MA Datasheet
196Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
logo
Linear Technology
LTC5548 LINER-LTC5548 Datasheet
193Kb / 6P
   2GHz to 14GHz Microwave Mixer with Low IF Frequency
logo
M/A-COM Technology Solu...
MRF1150MB MA-COM-MRF1150MB Datasheet
191Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 1025-1150MHz
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com