Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXD2SA-12V Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # TXD2SA-12V
Description  High Breakdown Voltage Relay Communications (xDSL)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXD2SA-12V Datasheet(HTML) 4 Page - Panasonic Semiconductor

  TXD2SA-12V Datasheet HTML 1Page - Panasonic Semiconductor TXD2SA-12V Datasheet HTML 2Page - Panasonic Semiconductor TXD2SA-12V Datasheet HTML 3Page - Panasonic Semiconductor TXD2SA-12V Datasheet HTML 4Page - Panasonic Semiconductor TXD2SA-12V Datasheet HTML 5Page - Panasonic Semiconductor TXD2SA-12V Datasheet HTML 6Page - Panasonic Semiconductor TXD2SA-12V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TX-D
ASCTB19E 201209-T
2. Specifications
Notes: *1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load. (AgPd contact type is available for low level load switching [10V DC, 10mA max. level])
*2 The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Refer to [6] AMBIENT ENVIRONMENT
in GENERAL APPLICATION GUIDELINES (Page 24).
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Arrangement
2 Form C
2 Form D (M.B.B.type)
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Standard contact: Ag+Au clad,
AgPd contact (low level load): AgPd+Au clad (stationary), AgPd (movable)
Rating
Nominal switching capacity
Standard contact: 2 A 30 V DC,
AgPd contact: 1 A 30 V DC (resistive load)
1 A 30 V DC (resistive load)
Max. switching power
Standard contact: 60 W (DC),
AgPd contact: 30 W (DC) (resistive load)
30 W (DC) (resistive load)
Max. switching voltage
220 V DC
110 V DC
Max. switching current
Standard contact: 2 A, AgPd contact: 1 A
1 A
Min. switching capacity (Reference value)*1
10
µA10mV DC
Nominal operating
power
Single side stable
200mW (3 to 12 V DC), 230mW (24 V DC)
250mW (1.5 to 12 V DC), 270mW (24 V DC)
1 coil latching
150mW (3 to 12 V DC), 170mW (24 V DC)
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Initial breakdown voltage” section.
Breakdown
voltage (Initial)
Between open contacts
1,000 Vrms for 1min. (Detection current: 10mA)
500 Vrms for 1min. (Detection current: 10mA)
Between contact and coil
3,000 Vrms for 1min. (Detection current: 10mA)
3,000 Vrms for 1min. (Detection current: 10mA)
Between contact sets
1,000 Vrms for 1min. (Detection current: 10mA)
Surge breakdown
voltage (Initial)
Between open contacts
1,500 V (10
×160µs) (FCC Part 68)
Between contacts and
coil*1
6,000 V, 1.2
× 50µs
Temperature rise (at 20
°C 68°F)
Max. 50
°C 122°F
(By resistive method, nominal coil voltage applied to the coil;
contact carrying current: 2A [1A: M.B.B.].)
Operate time [Set time] (at 20
°C 68°F)
Max. 4 ms [Max. 4 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 4 ms [Max. 4 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
(without diode)
Mechanical
characteristics
Shock
resistance
Functional
Min. 750 m/s2
(Half-wave pulse of sine wave: 6 ms;
detection time: 10
µs.)
Min. 500 m/s2
(Half-wave pulse of sine wave: 11 ms;
detection time: 10
µs.)
Destructive
Min. 1,000 m/s2 {100G} (Half-wave pulse of sine wave: 6 ms.)
Vibration
resistance
Functional
10 to 55 Hz at double amplitude of 3.3 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 5 mm
Expected life
Mechanical
Min. 108 (at 180 cpm)
Min. 107 (at 180 cpm)
Electrical
Min. 105 (2 A 30 V DC resistive),
Min. 5
×105 (1 A 30 V DC resistive) (at 20 cpm)
Min. 105 (1 A 30 V DC resistive) (at 20 cpm)
Conditions
Conditions for operation, transport and
storage*2
Ambient temperature: –40
°C to +85°C –40°F to +185°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed (at rated load)
20 cpm
Unit weight
Approx. 2 g .071 oz
1. Maximum switching capacity
2. Life curve
3. Mechanical life
Tested sample: TXD2-5V, 10 pcs.
Operating speed: 180 cpm
0.2
0.3
0.4
0.5
1.0
2.0
3.0
20 30
50
100
200 300
0
Contact voltage, V
DC resistive load
1.0
2.0
100
50
30
20
10
0
30V DC
resistive load
Switching current, A
Max.
Min.
Min.
Max.
0
10
20
30
40
50
60
70
80
90
100
No. of operations,
×104
Pick-up voltage
Drop-out voltage
10000
1000
100
10
0


Similar Part No. - TXD2SA-12V

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
   2000 WATT AC/DC POWER SUPPLY
TXD2000 CANDD-TXD2000 Datasheet
192Kb / 4P
   AC/DC POWER SUPPLY
More results

Similar Description - TXD2SA-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
   High Breakdown Voltage Relay
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
   High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
   High breakdown voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDAE60F60G SEMIHOW-HDAE60F60G Datasheet
435Kb / 3P
   High Breakdown Voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42T1G MAKOSEMI-MMBTA42T1G Datasheet
85Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDSE8U60G SEMIHOW-HDSE8U60G Datasheet
461Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com