Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR2 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # CR2
Description  Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CR2 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  CR2 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AUGUST 2005
LITHIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications
are subject to modification without notice. Contact Panasonic for the latest information.
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
CR2
CR123A
17.0
+0
-0.6
+
3
1,550
20
-40 ~ +70*
* Please consult Panasonic for use below and above
-20°C to +60°C
* Please consult Panasonic for use below and above
-20°C to +60°C
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
■ Dimensions(mm)
Specification
Weight:11.0g
3
850
20
-40 ~ +70*
■ Dimensions(mm)
Specification
Temperature Characteristics
Weight:17.0g
Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
Temperature Characteristics
* Please consult Panasonic for use below and above
-20°C to +60°C
0
200
400
600
800
1000
1200
1400 1600
-10˚C
-20˚C
60˚C
20˚C
Duration (cycle)
Pulse pattern: 900mA 3sec ON-27sec OFF
(one cycle)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
400
800
1200
1600
2000
2400
-10˚C
-20˚C
60˚C
20˚C
Duration (cycle)
Pulse pattern: 900mA 3sec ON-27sec OFF
(one cycle)
3.5
3.0
2.5
2.0
1.5
1.0
0.5


Similar Part No. - CR2

ManufacturerPart #DatasheetDescription
logo
Dubilier
CR2 DUBILIER-CR2 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
CR2 DUBILIER-CR2 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
logo
Ultralife Corporation.
CR2 ULTRALIFE-CR2 Datasheet
450Kb / 2P
   Military and other radio applications
19 AUG 13 Rev: -
logo
Central Semiconductor C...
CR2-005 CENTRAL-CR2-005 Datasheet
75Kb / 1P
   2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES
CR2-005 CENTRAL-CR2-005 Datasheet
380Kb / 2P
   SILICON RECTIFIERS
More results

Similar Description - CR2

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
2CR5 PANASONICBATTERY-2CR5 Datasheet
31Kb / 1P
   Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
CR-V3P PANASONICBATTERY-CR-V3P Datasheet
30Kb / 1P
   Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
CR123A PANASONICBATTERY-CR123A Datasheet
32Kb / 1P
   Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
CR1632 PANASONICBATTERY-CR1632 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2450 PANASONICBATTERY-CR2450 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1216 PANASONICBATTERY-CR1216 Datasheet
54Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2025 PANASONICBATTERY-CR2025 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1616 PANASONICBATTERY-CR1616 Datasheet
52Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2354 PANASONICBATTERY-CR2354 Datasheet
63Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
logo
Panasonic Semiconductor
CR2032 PANASONIC-CR2032 Datasheet
62Kb / 1P
   Manganese Dioxide Lithium Coin Batteries : Individual Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com