Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF0805-13-24K-B-T1 Datasheet(PDF) 3 Page - Analog Devices

Part # PCF0805-13-24K-B-T1
Description  Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

PCF0805-13-24K-B-T1 Datasheet(HTML) 3 Page - Analog Devices

  PCF0805-13-24K-B-T1 Datasheet HTML 1Page - Analog Devices PCF0805-13-24K-B-T1 Datasheet HTML 2Page - Analog Devices PCF0805-13-24K-B-T1 Datasheet HTML 3Page - Analog Devices PCF0805-13-24K-B-T1 Datasheet HTML 4Page - Analog Devices PCF0805-13-24K-B-T1 Datasheet HTML 5Page - Analog Devices PCF0805-13-24K-B-T1 Datasheet HTML 6Page - Analog Devices PCF0805-13-24K-B-T1 Datasheet HTML 7Page - Analog Devices PCF0805-13-24K-B-T1 Datasheet HTML 8Page - Analog Devices PCF0805-13-24K-B-T1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Evaluation Board User Guide
UG-250
Rev. A | Page 3 of 12
EVALUATION BOARD HARDWARE
POWER SUPPLIES
The AD5421 evaluation board requires one power supply
connection from LOOP− to LOOP+ (J7), a voltage in the
range from 5.5 V to 52 V can be applied if the on-board
MOSFET device (U2) is not enabled. With U2 enabled, the
voltage limit is the breakdown voltage of U2, which in this
case is 240 V. A load resistor can also be connected at J7.
LINK OPTIONS
Set the link options on the evaluation board for the required
operating setup before powering on the board. The functions
of the link options are described in Table 2.
Default Link Option Setup
The default link options are listed in Table 1.
Table 1. Link Options
Link No.
Option
LK1
Inserted
LK2
B
LK4
Inserted
LK6
Inserted
LK7
Inserted
Alarm_Dir
B
Rint_Rext
B
Range0
B
Range1
B
Reg_Sel0
A
Reg_Sel1
B
Reg_Sel2
A


Similar Part No. - PCF0805-13-24K-B-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCF0805 ETC2-PCF0805 Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
logo
TT Electronics.
PCF0805 TTELEC-PCF0805 Datasheet
813Kb / 6P
   precision thin film technology
logo
List of Unclassifed Man...
PCF0805H ETC2-PCF0805H Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
PCF0805P ETC2-PCF0805P Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
PCF0805X ETC2-PCF0805X Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
More results

Similar Description - PCF0805-13-24K-B-T1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com