Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9330399 Datasheet(PDF) 6 Page - Analog Devices

Part # 9330399
Description  Evaluating the ADT7320/ADT7420 Temperature Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

9330399 Datasheet(HTML) 6 Page - Analog Devices

Back Button 9330399 Datasheet HTML 2Page - Analog Devices 9330399 Datasheet HTML 3Page - Analog Devices 9330399 Datasheet HTML 4Page - Analog Devices 9330399 Datasheet HTML 5Page - Analog Devices 9330399 Datasheet HTML 6Page - Analog Devices 9330399 Datasheet HTML 7Page - Analog Devices 9330399 Datasheet HTML 8Page - Analog Devices 9330399 Datasheet HTML 9Page - Analog Devices 9330399 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
UG-138
Evaluation Board User Guide
Rev. A | Page 6 of 16
Temperature Monitor
This tab displays the temperature reading from the selected
device as well as the status of the alarms. This tab includes five
control options (see Figure 8):
Temperature Threshold
Temperature Value
Set Temperature Limits
Log Data
Temperature Values
Temperature Threshold
If the temperature goes above or below the high and low limits
defined in the Set Temperature Limits section or above the
critical threshold, the Temperature High Limit Threshold,
Temperature Low Limit Threshold, and Temperature Critical
Threshold indicators appear green.
Temperature Value
This displays the actual ADC temperature in twos complement
and degrees Celsius respectively.
Set Temperature Limits
This section allows you to update the high, low, critical, and
hysteresis limits. These ADC values are loaded into the device.
Because the conversion format is twos complement, any value
over 4095 is a negative number. To change the value, you can
use the arrow keys or type a number in the box to update the
limits. The graph labeled Temperature Conversion Measurement
displays the variation in time of the high and low temperature
limits as well as the current temperature in twos complement
format. At startup, the evaluation software initializes the tempera-
ture limits registers (THIGH, TLOW, TCRIT, and THYST) to the default
values shown in Figure 6.
Figure 8. Temperature
Monitor


Similar Part No. - 9330399

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9330 ETC2-9330 Datasheet
1Mb / 22P
   300V Power-Limited Tray Cables ??Overview
logo
Leach International Cor...
9330 LEACH-9330 Datasheet
375Kb / 6P
   RELAY – NONLATCH 10 AMP, 2PDT
logo
Belden Inc.
9330 BELDEN-9330 Datasheet
164Kb / 2P
   High Perform Instr, 4 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
logo
Keystone Electronics Co...
9330 KEYSTONE-9330 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9330-0601000 BELDEN-9330-0601000 Datasheet
164Kb / 2P
   High Perform Instr, 4 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
More results

Similar Description - 9330399

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-138 AD-UG-138 Datasheet
935Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
EVAL-ADP7158 AD-EVAL-ADP7158 Datasheet
217Kb / 8P
   Evaluating the ADP7158 Ultralow Noise
EVAL-ADP7156 AD-EVAL-ADP7156 Datasheet
210Kb / 8P
   Evaluating the ADP7156 Ultralow Noise
UG-744 AD-UG-744 Datasheet
392Kb / 7P
   Evaluating the AD8273/AD8277/AD8279 Difference Amplifiers
Rev. A
UG-521 AD-UG-521 Datasheet
248Kb / 8P
   Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
logo
Maxim Integrated Produc...
AN632 MAXIM-AN632 Datasheet
355Kb / 8P
   Evaluating the Accuracy of Maxim Real-Time Clocks (RTCs)
Aug 01, 2001
logo
STMicroelectronics
AN2648 STMICROELECTRONICS-AN2648 Datasheet
167Kb / 15P
   Increasing the resolution of analog temperature sensors
logo
Analog Devices
UG-042 AD-UG-042 Datasheet
526Kb / 8P
   Evaluating the 16-Lead SOIC and the 16-Lead QSOP Digital Isolators
DC2873A AD-DC2873A Datasheet
1Mb / 12P
   Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com