Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTB5003 Datasheet(PDF) 6 Page - Analog Devices

Part # CTB5003
Description  Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CTB5003 Datasheet(HTML) 6 Page - Analog Devices

Back Button CTB5003 Datasheet HTML 2Page - Analog Devices CTB5003 Datasheet HTML 3Page - Analog Devices CTB5003 Datasheet HTML 4Page - Analog Devices CTB5003 Datasheet HTML 5Page - Analog Devices CTB5003 Datasheet HTML 6Page - Analog Devices CTB5003 Datasheet HTML 7Page - Analog Devices CTB5003 Datasheet HTML 8Page - Analog Devices CTB5003 Datasheet HTML 9Page - Analog Devices CTB5003 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UG-250
Evaluation Board User Guide
Rev. A | Page 6 of 12
Figure 3. Main Window
MAIN WINDOW
As can be seen in Figure 3, the main window is made up of
5 tabs; Control Register, DAC Register, Fault Register,
Program Loop Current, and Command Write. Outside
of the tab structure at the top right of the window are two
control items; LDAC PIN to set the state of the LDAC pin
and USE PEC to select whether packet error checking is used
in the communications with the AD5421. There is also an
indicator item; PEC Error, this alerts to a packet error in the
data received from the AD5421. At the bottom of the window
is a display of the contents of the fault register, this is updated
on every communication with the AD5421 if Auto Fault
Readback is enabled.
Control Register
The Control Register tab is displayed by default. This tab
allows the user to program the control register.
DAC Register
The DAC Register tab allows the user to program the DAC
register, offset adjust register, and gain adjust register.
Fault Register
The Fault Register tab allows the user to read the contents
of the fault register. The fault register can also be polled
continuously.
Program Loop Current
The Program Loop Current tab allows the user to program a
loop current value directly by entering the value in milliamps
after having first selected the loop current range that is set by
the Range0 and Range1 link options.
Command Write
The Command Write tab allows the user to read/write all of the
AD5421s registers as well as issue commands.


Similar Part No. - CTB5003

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CTB5000-2 AD-CTB5000-2 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
CTB5000-2 AD-CTB5000-2 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
CTB5000-4 AD-CTB5000-4 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
CTB5000-6 AD-CTB5000-6 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
CTB5000/2 AD-CTB5000/2 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
More results

Similar Description - CTB5003

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com