Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AYF311115 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AYF311115
Description  FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF311115 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AYF311115 Datasheet HTML 1Page - Panasonic Semiconductor AYF311115 Datasheet HTML 2Page - Panasonic Semiconductor AYF311115 Datasheet HTML 3Page - Panasonic Semiconductor AYF311115 Datasheet HTML 4Page - Panasonic Semiconductor AYF311115 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AYF31
ACCTB9E 201204-T
• Connector orientation with respect to embossed tape feeding direction
NOTES
Type
Direction
of tape progress
Y3FT
1. Recommended PC board and metal
mask patterns
Connectors are mounted with high pitch
density, intervals of 0.3 mm or 0.5 mm.
In order to reduce solder bridges and
other issues make sure the proper levels
of solder is used.
The figures to the right are recommended
metal mask patterns. Please use them as
a reference.
Recommended PC board pattern
(mounting layout)
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Front terminal portion opening area ratio: 50%)
(Back terminal portion opening area ratio: 51%)
(Soldering terminal portion opening area ratio: 100%)
2. Precautions for insertion/removal of
FPC
To open the lever, hold its center and pull
it up. An uneven load applied to the lever
on one side may deform and break the
lever. Do not apply an excessive load to
the lever in the opening direction,
otherwise, the terminals may be
deformed. Don’t further apply an
excessive load to the fully opened lever;
otherwise, the lever may be deformed.
Fully open the lever to insert an FPC.
Since this product connects at the
bottom, please insert the FPC so that its
electrode plane is facing the board to
which it will be mounted. Do not insert the
FPC in the reverse direction of the
contact section; otherwise, operation
failures or malfunctions may be caused.
This product has a structure to position
an inserted FPC using the FPC tabs.
Therefore, insert an FPC at an angle to
the board. If the FPC is inserted in the
direction parallel to the board, the molded
positioning parts block the FPC, leading
to incomplete insertion. An FPC inserted
at an excessive angle to the board may
cause the deformation of metal parts,
FPC insertion failures, and FPC circuit
breakages.
Insert the FPC to the full depth of the
connector without altering the angle.
When closing the lever, carefuly use the
tip of your finger to push the entire lever
or both sides of it. If pressure to the lever
is applied unevenly, IE: only the edge, it
may deform or break the FPC. Make sure
that the lever is closed completely. Not
doing so will cause a faulty connection.
Avoid applying an excessive load to the
top of the lever during or after closing the
lever. Otherwise, the terminals may be
deformed.
Remove the FPC at an angle with the
lever fully opened. If the lever is closed,
or if the FPC is forcedly pulled into a
direction parallel to the board, the molded
part may break.
After an FPC is inserted, carefully handle
it so as not to apply excessive stress to
the base of the FPC.
0.30
±0.03
0.60
±0.03
0.30
±0.03
0.60
±0.03
0.45
±0.03
0.70
±0.03
Area of exposed
soldering terminal
Area of exposed
soldering terminal
0.27
±0.01
0.60
±0.01
0.27
±0.01
0.60
±0.01
0.45
±0.01
0.70
±0.01
(140
°)
FPC
FPC positioning part
Please refer to the latest product
specifications when designing your
product.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn