Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN1210K40G Datasheet(PDF) 9 Page - EPCOS

Part # CN1210K40G
Description  SMD Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CN1210K40G Datasheet(HTML) 9 Page - EPCOS

Back Button CN1210K40G Datasheet HTML 5Page - EPCOS CN1210K40G Datasheet HTML 6Page - EPCOS CN1210K40G Datasheet HTML 7Page - EPCOS CN1210K40G Datasheet HTML 8Page - EPCOS CN1210K40G Datasheet HTML 9Page - EPCOS CN1210K40G Datasheet HTML 10Page - EPCOS CN1210K40G Datasheet HTML 11Page - EPCOS CN1210K40G Datasheet HTML 12Page - EPCOS CN1210K40G Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
125 04/02
Characteristics (TA = 25 °C)
Type
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage Ctyp
(1 kHz)
pF
Ltyp
nH
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
CN0603M4G
8
± 20
19
1,0
200
1,0
238
266
CN0805M4G
8
± 20
19
1,0
700
1,5
238
267
CN1206M4G
8
± 20
17
1,0
1500
1,8
240
268
CN1210M4G
8
± 20
17
2,5
5000
1,8
241
269
CN1812M4G
8
± 20
17
5,0
10000
2,5
242
270
CN2220M4G
8
± 20
17
10,0
24000
3,0
245
271
CN0603M6G
11
± 20
27
1,0
200
1,0
238
266
CN0805M6G
11
± 20
27
1,0
600
1,5
239
267
CN0805M6CCG 11
± 20
27
1,0
15001)
1,5
239
267
CN1206M6G
11
± 20
25
1,0
1200
1,8
240
268
CN1210M6G
11
± 20
25
2,5
4000
1,8
241
269
CN1812M6G
11
± 20
25
5,0
8000
2,5
242
270
CN2220M6G
11
± 20
25
10,0
20000
3,0
245
271
CN0603M7G
12,5
± 20
30
1,0
200
1,0
238
266
CN0603L8G
15
± 15
33
1,0
150
1,0
238
266
CN0805L8G
15
± 15
33
1,0
500
1,5
239
267
CN1206L8G
15
± 15
30
1,0
1000
1,8
240
268
CN1210L8G
15
± 15
30
2,5
3000
1,8
242
269
CN1812L8G
15
± 15
30
5,0
6000
2,5
244
270
CN2220L8G
15
± 15
30
10,0
16000
3,0
245
271
CN0603K11G
18
± 10
35
1,0
100
1,0
238
266
CN0805K11G
18
± 10
35
1,0
400
1,5
239
267
CN1206K11G
18
± 10
33
1,0
800
1,8
240
268
CN1210K11G
18
± 10
33
2,5
2400
1,8
242
269
CN1812K11G
18
± 10
33
5,0
5000
2,5
244
270
CN2220K11G
18
± 10
33
10,0
12000
3,0
245
271
CN0402L14GK2 23,5
± 15
46
1,0
602)
0,8
237
265
CN0603K14G
22
± 10
40
1,0
100
1,0
238
266
CN0805K14G
22
± 10
40
1,0
350
1,5
239
267
CN1206K14G
22
± 10
38
1,0
700
1,8
240
268
CN1210K14G
22
± 10
38
2,5
2000
1,8
242
269
CN1812K14G
22
± 10
38
5,0
4500
2,5
244
270
CN2220K14G
22
± 10
38
10,0
10000
3,0
245
271
1) C (1 MHz);
± 20%;
2) Ctyp (1 MHz)
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Silver Palladium Termination (0402: Silver Platinum)
SMD Varistors


Similar Part No. - CN1210K40G

ManufacturerPart #DatasheetDescription
logo
EPCOS
CN1210K40G EPCOS-CN1210K40G Datasheet
129Kb / 15P
   Multilayer technology
More results

Similar Description - CN1210K40G

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
B72520V40M62 EPCOS-B72520V40M62 Datasheet
131Kb / 15P
   SMD Varistors
B72660M0600S172 EPCOS-B72660M0600S172 Datasheet
89Kb / 3P
   SMD Varistors
logo
Stackpole Electronics, ...
ZVY SEI-ZVY Datasheet
507Kb / 6P
   Low Voltage SMD Varistors
08/19/2019
logo
EPCOS
B72650M301K72 EPCOS-B72650M301K72 Datasheet
879Kb / 36P
   SMD disk varistors standard series
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G Datasheet
107Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
DCV0603K25G DUBILIER-DCV0603K25G_11 Datasheet
208Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com