Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX56-10 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BCX56-10
Description  80 V, 1 A NPN medium power transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCX56-10 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BCX56-10 Datasheet HTML 5Page - NXP Semiconductors BCX56-10 Datasheet HTML 6Page - NXP Semiconductors BCX56-10 Datasheet HTML 7Page - NXP Semiconductors BCX56-10 Datasheet HTML 8Page - NXP Semiconductors BCX56-10 Datasheet HTML 9Page - NXP Semiconductors BCX56-10 Datasheet HTML 10Page - NXP Semiconductors BCX56-10 Datasheet HTML 11Page - NXP Semiconductors BCX56-10 Datasheet HTML 12Page - NXP Semiconductors BCX56-10 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BC639_BCP56_BCX56_8
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 08 — 22 June 2007
9 of 15
NXP Semiconductors
BC639; BCP56; BCX56
80 V, 1 A NPN medium power transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ = 0.02.
FR4 PCB, mounting pad for collector 6 cm2
Fig 9.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT89;
typical values
006aaa816
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
duty cycle =
0.01
0
0.02
0.05
0.1
0.2
0.33
0.5
0.75
1.0
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =30V; IE = 0 A
-
-
100
nA
VCB =30V; IE =0A;
Tj = 150 °C
--10
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =2V
IC = 5 mA
63
-
-
IC = 150 mA
63
-
250
IC = 500 mA
[1] 40
-
-
DC current gain
VCE =2V
hFE selection -10
IC = 150 mA
63
-
160
hFE selection -16
IC = 150 mA
100
-
250
VCEsat
collector-emitter
saturation voltage
IC = 500 mA; IB =50mA
[1] -
-
500
mV
VBE
base-emitter voltage
VCE =2V; IC = 500 mA
[1] --1
V
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
-6
-pF
fT
transition frequency
VCE =5V; IC =50mA;
f = 100 MHz
100
180
-
MHz


Similar Part No. - BCX56-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX56-10 PHILIPS-BCX56-10 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Galaxy Semi-Conductor H...
BCX56-10 BILIN-BCX56-10 Datasheet
191Kb / 5P
   NPN Silicon AF Transistors
logo
Siemens Semiconductor G...
BCX56-10 SIEMENS-BCX56-10 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Micro Commercial Compon...
BCX56-10 MCC-BCX56-10 Datasheet
260Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BCX56-10 INFINEON-BCX56-10 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Jul-10-2001
More results

Similar Description - BCX56-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC639 NXP-BC639 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BCP56 PHILIPS-BCP56_15 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9-25 October 2011
logo
Nexperia B.V. All right...
BC56PA-Q_SER NEXPERIA-BC56PA-Q_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 24 June 2022
BCX56-Q_SER NEXPERIA-BCX56-Q_SER Datasheet
239Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 17 June 2022
BCP56T_SER NEXPERIA-BCP56T_SER Datasheet
287Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 3 - 1 July 2022
BC56PA_SER NEXPERIA-BC56PA_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BCP56 NEXPERIA-BCP56 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9 - 25 October 2011
BCP56H_SER NEXPERIA-BCP56H_SER Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
Rev. 1 - 23 November 2016
BCP56_SER NEXPERIA-BCP56_SER Datasheet
247Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 11 - 1 July 2022
BCP56H NEXPERIA-BCP56H Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com