Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP56-10 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCP56-10
Description  80 V, 1 A NPN medium power transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP56-10 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCP56-10 Datasheet HTML 1Page - NXP Semiconductors BCP56-10 Datasheet HTML 2Page - NXP Semiconductors BCP56-10 Datasheet HTML 3Page - NXP Semiconductors BCP56-10 Datasheet HTML 4Page - NXP Semiconductors BCP56-10 Datasheet HTML 5Page - NXP Semiconductors BCP56-10 Datasheet HTML 6Page - NXP Semiconductors BCP56-10 Datasheet HTML 7Page - NXP Semiconductors BCP56-10 Datasheet HTML 8Page - NXP Semiconductors BCP56-10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BC639_BCP56_BCX56_8
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 08 — 22 June 2007
3 of 15
NXP Semiconductors
BC639; BCP56; BCX56
80 V, 1 A NPN medium power transistors
3.
Ordering information
[1]
Valid for all available selection groups.
[2]
Also available in SOT54A and SOT54 variant packages (see Section 2 and Section 9).
4.
Marking
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BC639[2]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
BCP56
SC-73
plastic surface-mounted package with increased
heatsink; 4 leads
SOT223
BCX56
SC-62
plastic surface-mounted package; collector pad for good
heat transfer; 3 leads
SOT89
Table 5.
Marking codes
Type number
Marking code
BC639
C639
BC639-10
C63910
BC639-16
C63916
BCP56
BCP56
BCP56-10
BCP56/10
BCP56-16
BCP56/16
BCX56
BH
BCX56-10
BK
BCX56-16
BL


Similar Part No. - BCP56-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP56-10 PHILIPS-BCP56-10 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Zetex Semiconductors
BCP56-10 ZETEX-BCP56-10 Datasheet
42Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP56-10 SIEMENS-BCP56-10 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP56-10 INFINEON-BCP56-10 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BCP56-10 INFINEON-BCP56-10 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
More results

Similar Description - BCP56-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC639 NXP-BC639 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BCP56 PHILIPS-BCP56_15 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9-25 October 2011
logo
Nexperia B.V. All right...
BC56PA-Q_SER NEXPERIA-BC56PA-Q_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 24 June 2022
BCX56-Q_SER NEXPERIA-BCX56-Q_SER Datasheet
239Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 17 June 2022
BCP56T_SER NEXPERIA-BCP56T_SER Datasheet
287Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 3 - 1 July 2022
BC56PA_SER NEXPERIA-BC56PA_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BCP56 NEXPERIA-BCP56 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9 - 25 October 2011
BCP56H_SER NEXPERIA-BCP56H_SER Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
Rev. 1 - 23 November 2016
BCP56_SER NEXPERIA-BCP56_SER Datasheet
247Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 11 - 1 July 2022
BCP56H NEXPERIA-BCP56H Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com