Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CN1210K17G Datasheet(PDF) 4 Page - EPCOS

Part No. CN1210K17G
Description  SMD Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CN1210K17G Datasheet(HTML) 4 Page - EPCOS

  CN1210K17G Datasheet HTML 1Page - EPCOS CN1210K17G Datasheet HTML 2Page - EPCOS CN1210K17G Datasheet HTML 3Page - EPCOS CN1210K17G Datasheet HTML 4Page - EPCOS CN1210K17G Datasheet HTML 5Page - EPCOS CN1210K17G Datasheet HTML 6Page - EPCOS CN1210K17G Datasheet HTML 7Page - EPCOS CN1210K17G Datasheet HTML 8Page - EPCOS CN1210K17G Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
120 04/02
CT0603K17G
B72500T0170K060
17
22
30
0,2
0,003
CT0603K17LCG B72500T2170K060
17
22
10
0,1
0,001
CT0805K17G
B72510T0170K062
17
22
120
0,3
0,005
CT0805K17LCG B72510T2170K062
17
22
30
0,1
0,004
CT1206K17G
B72520T0170K062
17
22
200
0,6
0,008
CT1210K17G
B72530T0170K062
17
22
400
1,7
0,010
CT1812K17G
B72580T0170K062
17
22
800
2,7
0,015
CT2220K17G
B72540T0170K062
17
22
1200
7,2
0,020
CT0603K20G
B72500T0200K060
20
26
30
0,2
0,003
CT0805K20G
B72510T0200K062
20
26
80
0,3
0,005
CT1206K20G
B72520T0200K062
20
26
200
0,7
0,008
CT1210K20G
B72530T0200K062
20
26
400
1,9
0,010
CT1812K20G
B72580T0200K062
20
26
800
3,0
0,015
CT2220K20G
B72540T0200K062
20
26
1200
7,8
0,020
CT0603K25G
B72500T0250K060
25
31
30
0,3
0,003
CT0805K25G
B72510T0250K062
25
31
80
0,3
0,005
CT1206K25G
B72520T0250K062
25
31
200
1,0
0,008
CT1210K25G
B72530T0250K062
25
31
300
1,7
0,010
CT1812K25G
B72580T0250K062
25
31
800
3,7
0,015
CT2220K25G
B72540T0250K062
25
31
1200
9,6
0,020
CT0805K30G
B72510T0300K062
30
38
80
0,3
0,005
CT1206K30G
B72520T0300K062
30
38
200
1,1
0,008
CT1210K30G
B72530T0300K062
30
38
300
2,0
0,010
CT1812K30G
B72580T0300K062
30
38
800
4,2
0,015
CT2220K30G
B72540T0300K062
30
38
1200
12,0
0,020
CT1206K35G
B72520T0350K062
35
45
100
0,4
0,008
CT1210K35G
B72530T0350K062
35
45
250
2,0
0,010
CT1812K35G
B72580T0350K062
35
45
500
4,0
0,015
CT2220K35G
B72540T0350K062
35
45
1000
7,7
0,020
CT1206K40G
B72520T0400K062
40
56
100
0,5
0,008
CT1210K40G
B72530T0400K062
40
56
250
2,3
0,010
CT1812K40G
B72580T0400K062
40
56
500
4,8
0,015
CT2220K40G
B72540T0400K062
40
56
1000
9,0
0,020
Maximum ratings (0402 … 0603: TA = 85 °C; 0805 … 2220: TA = 125 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Nickel Barrier Termination (available upon request)
SMD Varistors


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn