Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CN1210K17G Datasheet(PDF) 12 Page - EPCOS

Part No. CN1210K17G
Description  SMD Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

CN1210K17G Datasheet(HTML) 12 Page - EPCOS

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
128 04/02
CN1206K50G
B72520V0500K062
50
65
100
0,6
0,008
CN1210K50G
B72530V0500K062
50
65
200
1,6
0,010
CN1812K50G
B72580V0500K062
50
65
400
4,5
0,015
CN2220K50G
B72540V0500K062
50
65
800
5,6
0,020
CN1206K60G
B72520V0600K062
60
85
100
0,7
0,008
CN1210K60G
B72530V0600K062
60
85
200
2,0
0,010
CN1812K60G
B72580V0600K062
60
85
400
5,8
0,015
CN2220K60G
B72540V0600K062
60
85
800
6,8
0,020
Maximum ratings (0402 … 0603: TA = 85 °C; 0805 … 2220: TA = 125 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Silver Palladium Termination (0402: Silver Platinum)
SMD Varistors


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn