Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CN1210K17G Datasheet(PDF) 10 Page - EPCOS

Part No. CN1210K17G
Description  SMD Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo EPCOS - EPCOS

CN1210K17G Datasheet(HTML) 10 Page - EPCOS

Back Button CN1210K17G Datasheet HTML 6Page - EPCOS CN1210K17G Datasheet HTML 7Page - EPCOS CN1210K17G Datasheet HTML 8Page - EPCOS CN1210K17G Datasheet HTML 9Page - EPCOS CN1210K17G Datasheet HTML 10Page - EPCOS CN1210K17G Datasheet HTML 11Page - EPCOS CN1210K17G Datasheet HTML 12Page - EPCOS CN1210K17G Datasheet HTML 13Page - EPCOS CN1210K17G Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
126 04/02
CN0603K17G
B72500V0170K060
17
22
30
0,2
0,003
CN0603K17LCG B72500V2170K060
17
22
10
0,1
0,001
CN0805K17G
B72510V0170K062
17
22
120
0,3
0,005
CN0805K17LCG B72510V2170K062
17
22
30
0,1
0,004
CN1206K17G
B72520V0170K062
17
22
200
0,6
0,008
CN1210K17G
B72530V0170K062
17
22
400
1,7
0,010
CN1812K17G
B72580V0170K062
17
22
800
2,7
0,015
CN2220K17G
B72540V0170K062
17
22
1200
7,2
0,020
CN0603K20G
B72500V0200K060
20
26
30
0,3
0,003
CN0805K20G
B72510V0200K062
20
26
80
0,3
0,005
CN1206K20G
B72520V0200K062
20
26
200
0,7
0,008
CN1210K20G
B72530V0200K062
20
26
400
1,9
0,010
CN1812K20G
B72580V0200K062
20
26
800
3,0
0,015
CN2220K20G
B72540V0200K062
20
26
1200
7,8
0,020
CN0603K25G
B72500V0250K060
25
31
30
0,3
0,003
CN0805K25G
B72510V0250K062
25
31
80
0,3
0,005
CN1206K25G
B72520V0250K062
25
31
200
1,0
0,008
CN1210K25G
B72530V0250K062
25
31
300
1,7
0,010
CN1812K25G
B72580V0250K062
25
31
800
3,7
0,015
CN2220K25G
B72540V0250K062
25
31
1200
9,6
0,020
CN0805K30G
B72510V0300K062
30
38
80
0,3
0,005
CN1206K30G
B72520V0300K062
30
38
200
1,1
0,008
CN1210K30G
B72530V0300K062
30
38
300
2,0
0,010
CN1812K30G
B72580V0300K062
30
38
800
4,2
0,015
CN2220K30G
B72540V0300K062
30
38
1200
12,0
0,020
CN1206K35G
B72520V0350K062
35
45
100
0,4
0,008
CN1210K35G
B72530V0350K062
35
45
250
2,0
0,010
CN1812K35G
B72580V0350K062
35
45
500
4,0
0,015
CN2220K35G
B72540V0350K062
35
45
1000
7,7
0,020
CN1206K40G
B72520V0400K062
40
56
100
0,5
0,008
CN1210K40G
B72530V0400K062
40
56
250
2,3
0,010
CN1812K40G
B72580V0400K062
40
56
500
4,8
0,015
CN2220K40G
B72540V0400K062
40
56
1000
9,0
0,020
Maximum ratings (0402 … 0603: TA = 85 °C; 0805 … 2220: TA = 125 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Silver Palladium Termination (0402: Silver Platinum)
SMD Varistors


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn