Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CN1210K17G Datasheet(PDF) 7 Page - EPCOS

Part No. CN1210K17G
Description  SMD Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

CN1210K17G Datasheet(HTML) 7 Page - EPCOS

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
123 04/02
CT1206K50G
82
± 10
135
1,0
120
1,8
238
268
CT1210K50G
82
± 10
135
2,5
250
1,8
240
269
CT1812K50G
82
± 10
135
5,0
500
2,5
242
270
CT2220K50G
82
± 10
135
10,0
1000
3,0
244
271
CT1206K60G
100
± 10
165
1,0
100
1,8
238
268
CT1210K60G
100
± 10
165
2,5
200
1,8
240
269
CT1812K60G
100
± 10
165
5,0
400
2,5
242
270
CT2220K60G
100
± 10
165
10,0
800
3,0
244
271
Characteristics (TA = 25 °C)
Type
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage Ctyp
(1 kHz)
pF
Ltyp
nH
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
1) C (1 MHz);
± 20%;
2) Ctyp (1 MHz)
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Nickel Barrier Termination (available upon request)
SMD Varistors


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn