Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XKH102JA5A Datasheet(PDF) 55 Page - Murata Manufacturing Co., Ltd.

Part # DE11XKH102JA5A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XKH102JA5A Datasheet(HTML) 55 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XKH102JA5A Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5A Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5A Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5A Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5A Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5A Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5A Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5A Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5A Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
C85E.pdf
Jul.13,2011
53
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
High Voltage Ceramic Capacitors
DEF Series (Only for LCD Backlight Inverter Circuit/6.3kVp-p)
s Features
1. Compact size: Diameter is 20% less than DEC series.
2. Low self-heating at high frequency and high voltage
due to low dielectric loss of the ceramic material.
3. Operating temperature range is guaranteed up to 105
degrees C.
4. Coated with flame-retardant epoxy resin
(equivalent to UL94V-0 standard).
Please contact us when a halogen-free product*
is necessary.
* Cl=900ppm max., Br=900ppm max. and
Cl+Br=1500ppm max.
5. Taping available for automatic insertion.
s Applications
Ideal for use in LCD backlight inverters.
Do not use these products in any automotive
power train or safety equipment including battery
chargers for electric vehicles and plug-in hybrids.
Only Murata products clearly stipulated as
"for Automotive use" on its catalog can be used
for automobile applications such as power train and
safety equipment.
Lead Code
Coating Extension e
A3
Up to the end of crimp
(in mm)
ø d
0.6
±0.05
D max.
T max.
e
ø d
F
±1.0
[Bulk]
Vertical Crimp Long (A3)
D max.
T max.
F
±0.8
e
ø d
(in mm)
Lead Code
Coating Extension e
J3
Up to the end of crimp
ø d
0.6
±0.05
[Bulk]
Vertical Crimp Short (J3)
s Marking
SL
ø7-9mm
Temperature Characteristics
Nominal Capacitance
Capacitance Tolerance
Rated Voltage
Manufactured Date Code
Actual value
Marked with code
Marked with code (Marked with 6K~)
Abbreviation
Upper horizontal line
Temp. Char.
Nominal Body Diameter
33J
6K~
66
CH
10J
6K~
66
SL Characteristics
Part Number
Rated
Voltage
(Vp-p)
Capacitance
(pF)
Body Dia. D
(mm)
Lead Spacing F
(mm)
Body Thickness T
(mm)
Lead
Package
Long Bulk
Lead
Package
Short Bulk
Lead
Package
Taping
DEF1XLH100Jppp
6300
10
±5%
7
7.5
6.0
A3B
J3B
N3A
DEF1XLH120Jppp
6300
12
±5%
7
7.5
6.0
A3B
J3B
N3A
DEF1XLH150Jppp
6300
15
±5%
7
7.5
6.0
A3B
J3B
N3A
DEF1XLH180Jppp
6300
18
±5%
7
7.5
6.0
A3B
J3B
N3A
DEF1XLH220Jppp
6300
22
±5%
7
7.5
6.0
A3B
J3B
N3A
DEF1XLH270Jppp
6300
27
±5%
8
7.5
6.0
A3B
J3B
N3A
DEF1XLH330Jppp
6300
33
±5%
9
7.5
6.0
A3B
J3B
N3A
DEF1XLH390Jppp
6300
39
±5%
9
7.5
6.0
A3B
J3B
N3A
DEF1XLH470Jppp
6300
47
±5%
9
7.5
6.0
A3B
J3B
N3A
Three blank columns are filled with the lead and packaging codes. Please refer to the three columns on the right for the appropriate code.


Similar Part No. - DE11XKH102JA5A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XKH102JA2A MURATA-DE11XKH102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE11XKH102JA5A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com