Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR4312M Datasheet(PDF) 5 Page - International Rectifier

Part # IR4312M
Description  2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4312M Datasheet(HTML) 5 Page - International Rectifier

  IR4312M Datasheet HTML 1Page - International Rectifier IR4312M Datasheet HTML 2Page - International Rectifier IR4312M Datasheet HTML 3Page - International Rectifier IR4312M Datasheet HTML 4Page - International Rectifier IR4312M Datasheet HTML 5Page - International Rectifier IR4312M Datasheet HTML 6Page - International Rectifier IR4312M Datasheet HTML 7Page - International Rectifier IR4312M Datasheet HTML 8Page - International Rectifier IR4312M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
IR43x2
5
www.irf.com
© 2013 International Rectifier
Apr 3, 2013
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM=VN1=VN2; all currents are defined positive into any lead.
The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air
conditions.
Symbol
Definition
Min
Max
Units
IR4302
-
80
IR4322
-
60
VPn
Positive power supply rail voltage, n=1-2
IR4312
-
40
IR4302
-0.3
95
IR4322
-0.3
75
VBn
High side floating supply voltage
IR4312
-0.3
55
VSn
High side floating supply voltage
††, n=1-2
VBn -15
VBn +0.3
VCSHn
CSH pin input voltage, n=1-2
VSn -0.3
VBn +0.3
VCC
Low side supply voltage
††
-0.3
15
IR4302
-0.3
100
IR4322
-0.3
70
VAA
Floating input positive supply voltage
††
IR4312
-0.3
50
VSS
Floating input negative supply voltage
††
-1
(See ISSZ)
GND +0.3
VIN+n
Floating input supply ground voltage , n=1-2
VSS -0.3
VAA +0.3
V
IINn
Input current between IN- and IN+ pins
, n=1-2
-
±3
mA
VCSD
CSD pin input voltage
VSS -0.3
VAA +0.3
VCOMPn
COMP pin input voltage, n=1-2
VSS -0.3
VAA +0.3
VCLIP
CLIP pin input voltage
GND -0.3
VAA +0.3
V
ICLIP
CLIP pin sinking current
-
5
mA
VFAULT
FAULT pin input voltage
GND -0.3
VAA +0.3
V
IFAULT
FAULT pin sinking current
-
5
IAAZ
Floating input supply zener clamp current
††
-
20
ISSZ
Floating input negative supply zener clamp current
††
-
20
ICCZ
Low side supply zener clamp current
†††
-
20
IBSZn
Floating supply zener clamp current
†††, n=1-2
-
20
mA
dVSn/dt
Allowable Vs voltage slew rate, n=1-2
-
50
V/ns
dVSS/dt
Allowable Vss voltage slew rate
†††
-
50
V/ms
IR4302
6.5
IR4322
7.0
Id@ 25ºC
Continuous output current, from VPn to VSn, VSn
to VNn, VCC=10V, VBn-VSn=10V
IR4312
-
3.6
IR4302
5.4
IR4322
5.8
Id@ 100ºC
Continuous output current, from VPn to VSn, VSn
to VNn, VCC=10V, VBn-VSn=10V
IR4312
-
2.9
IR4302
26
IR4322
28
IDM
Pulsed output current, from VPn to VSn, VSn to
VNn, VCC=10V, VBn-VSn=10V
†††††
IR4312
-
15
A


Similar Part No. - IR4312M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4312M IRF-IR4312M Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Infineon Technologies A...
IR4312M INFINEON-IR4312M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
More results

Similar Description - IR4312M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR43X2 IRF-IR43X2 Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IR4301 IRF-IR4301 Datasheet
757Kb / 14P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IR4301M IRF-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IRS2052MTRPBF IRF-IRS2052MTRPBF Datasheet
435Kb / 23P
   2 channel integrated analog input Class D audio amplifier driver
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier
April 22, 2013
IR4302M INFINEON-IR4302M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
logo
Texas Instruments
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com