Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54AW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAT54AW
Description  Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a very small SOT323
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT54AW Datasheet(HTML) 1 Page - NXP Semiconductors

  BAT54AW Datasheet HTML 1Page - NXP Semiconductors BAT54AW Datasheet HTML 2Page - NXP Semiconductors BAT54AW Datasheet HTML 3Page - NXP Semiconductors BAT54AW Datasheet HTML 4Page - NXP Semiconductors BAT54AW Datasheet HTML 5Page - NXP Semiconductors BAT54AW Datasheet HTML 6Page - NXP Semiconductors BAT54AW Datasheet HTML 7Page - NXP Semiconductors BAT54AW Datasheet HTML 8Page - NXP Semiconductors BAT54AW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Planar Schottky barrier diodes with an integrated guard ring for stress protection,
encapsulated in a very small SOT323 (SC-70) Surface-Mounted Device (SMD) plastic
package.
1.2 Features and benefits
Low forward voltage
Low capacitance
AEC-Q101 qualified
1.3 Applications
1.4 Quick reference data
[1]
Pulse test: tp  300 s;  0.02.
2.
Pinning information
BAT54W series
Schottky barrier diodes
Rev. 3 — 20 November 2012
Product data sheet
Ultra high-speed switching
Voltage clamping
Line termination
Reverse polarity protection
Table 1.
Quick reference data
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF =100 mA
[1] --
800
mV
IR
reverse current
VR =25V
[1] --
2
A
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
BAT54W
1
anode
2
not connected
3
cathode
12
3
006aaa436
1
3
2
n.c.


Similar Part No. - BAT54AW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54AW PANJIT-BAT54AW Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
GUANGDONG HOTTECH INDUS...
BAT54AW HOTTECH-BAT54AW Datasheet
985Kb / 2P
   Plastic-Encapsulate Diodes
logo
FutureWafer Tech Co.,Lt...
BAT54AW FUTUREWAFER-BAT54AW Datasheet
2Mb / 21P
   Surface Mount Schottky Barrier Diode
07-FEB-2022 V 2.2
logo
Rectron Semiconductor
BAT54AW RECTRON-BAT54AW Datasheet
92Kb / 2P
   SOT-323 SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Unisonic Technologies
BAT54AW UTC-BAT54AW Datasheet
165Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
More results

Similar Description - BAT54AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT721-215 PHILIPS-BAT721-215 Datasheet
82Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
Rev. 06-21 December 2006
PMEG3050BEP PHILIPS-PMEG3050BEP Datasheet
265Kb / 13P
   Planar MEGA Schottky barrier rectifier with an integrated guard ring for stress protection
Rev. 01-28 October 2009
BAT54C.215 NXP-BAT54C.215 Datasheet
302Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 5-5 October 2012
PMEG3010EP115 NXP-PMEG3010EP115 Datasheet
97Kb / 13P
   Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in a SOD128 small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 01-30 December 2008
PMEG6002EB115 NXP-PMEG6002EB115 Datasheet
74Kb / 10P
   Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an integrated guard ring for stress protection, encapsulated in ultra small and flat lead Surface-Mounted Device (SMD) plastic packages
Rev. 01-24 November 2006
logo
Diodes Incorporated
ZUMD7004 DIODES-ZUMD7004 Datasheet
37Kb / 1P
   SOT323 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
logo
Taiwan Semiconductor Co...
MBR20H100CT TSC-MBR20H100CT_13 Datasheet
223Kb / 3P
   20.0AMPS. Schottky Barrier Rectifiers Guard-ring for overvoltage protection
logo
Leshan Radio Company
LMBR20150CTG LRC-LMBR20150CTG Datasheet
392Kb / 5P
   SWITCHMODE Power Rectifiers Guard?뭃ing for Stress Protection
logo
Bruckewell Technology L...
TMBR30100CT BWTECH-TMBR30100CT Datasheet
444Kb / 4P
   Guard ring for overvoltage protection
TMBR10100CT BWTECH-TMBR10100CT Datasheet
431Kb / 4P
   Guard ring for overvoltage protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com