![]() |
Electronic Components Datasheet Search |
|
74HC4052D652 Datasheet(PDF) 23 Page - NXP Semiconductors |
|
74HC4052D652 Datasheet(HTML) 23 Page - NXP Semiconductors |
23 / 29 page ![]() 74HC_HCT4052 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 10 — 19 July 2012 23 of 29 NXP Semiconductors 74HC4052; 74HCT4052 Dual 4-channel analog multiplexer/demultiplexer Fig 23. Package outline SOT38-4 (DIP16) REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA SOT38-4 95-01-14 03-02-13 MH c (e ) 1 ME A L A1 w M b1 b2 e D A2 Z 16 1 9 8 E pin 1 index b 0 5 10 mm scale Note 1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. UNIT A max. 12 b1 (1) (1) (1) b2 cD E e M Z H L mm DIMENSIONS (inch dimensions are derived from the original mm dimensions) A min. A max. b max. w M E e 1 1.73 1.30 0.53 0.38 0.36 0.23 19.50 18.55 6.48 6.20 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 0.76 4.2 0.51 3.2 inches 0.068 0.051 0.021 0.015 0.014 0.009 1.25 0.85 0.049 0.033 0.77 0.73 0.26 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.03 0.17 0.02 0.13 DIP16: plastic dual in-line package; 16 leads (300 mil) SOT38-4 |
|