Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT1G86GW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HCT1G86GW
Description  2-input EXCLUSIVE-OR gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G86GW Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT1G86GW Datasheet HTML 1Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 2Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 3Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 4Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 5Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 6Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 7Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 8Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
General description
74HC1G86 and 74HCT1G86 are high-speed Si-gate CMOS devices. They provide a
2-input EXCLUSIVE-OR function.
The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V.
The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
The standard output currents are half those of the 74HC/HCT86.
2.
Features
I Symmetrical output impedance
I High noise immunity
I Low power dissipation
I Balanced propagation delays
I SOT353-1 and SOT753 package options
I Specified from −40 °C to +125 °C
3.
Ordering information
4.
Marking
74HC1G86; 74HCT1G86
2-input EXCLUSIVE-OR gate
Rev. 04 — 20 July 2007
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC1G86GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74HCT1G86GW
74HC1G86GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74HCT1G86GV
Table 2.
Marking codes
Type number
Marking
74HC1G86GW
HH
74HCT1G86GW
TH
74HC1G86GV
H86
74HCT1G86GV
T86


Similar Part No. - 74HCT1G86GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G86GW PHILIPS-74HCT1G86GW Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74HCT1G86GW NXP-74HCT1G86GW Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74HCT1G86GW NEXPERIA-74HCT1G86GW Datasheet
208Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 5 - 27 January 2022
74HCT1G86GW-Q100 NEXPERIA-74HCT1G86GW-Q100 Datasheet
684Kb / 12P
   2-input EXCLUSIVE-OR gate
More results

Similar Description - 74HCT1G86GW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com