Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMP-3X50A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. HLMP-3X50A
Description  T-1 3/4 (5mm) SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-3X50A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HLMP-3X50A Datasheet HTML 1Page - Fairchild Semiconductor HLMP-3X50A Datasheet HTML 2Page - Fairchild Semiconductor HLMP-3X50A Datasheet HTML 3Page - Fairchild Semiconductor HLMP-3X50A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE
TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT
DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE
RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical
implant into the body,or (b) support or sustain life,
and (c) whose failure to perform when properly
used in accordance with instructions for use provided
in labeling, can be reasonably expected to result in a
significant injury of the user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
T-1 3/4 (5mm)
SOLID STATE LAMPS
www.fairchildsemi.com
4 OF 4
2/27/01
DS300006


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HLMP-D600 T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  QT Optoelectronics
L-1503 T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  Kingbright Corporation
L1513IT T-1 3/4 5MM SOLID STATE LAMPS 1  2  3  4  5  Kingbright Corporation
L-1593 T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  Kingbright Corporation
HLMP-D600 T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  Fairchild Semiconductor
MVL-5A4SG T-1 3/4 f 5mm PACKAGE SOLID STATE LAMP 1  2  Unity Opto Technology
L-7113YD T-1 3/4 5mm SOLID STATE LAMP 1  2  3  Kingbright Corporation
MV6461 BICOLOR T-1 SOLID STATE LAMPS 1  2  QT Optoelectronics
MVL-5A4TG T-1 3/4 f 5mm PACKAGE SOLID STATE LAMP 1  2  Unity Opto Technology
XLCW12WD T-1 3/4 5mm SOLID STATE LAMP 1  2  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn