Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC814ARUZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADUC814ARUZ
Description  MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC814ARUZ Datasheet(HTML) 4 Page - Analog Devices

  ADUC814ARUZ Datasheet HTML 1Page - Analog Devices ADUC814ARUZ Datasheet HTML 2Page - Analog Devices ADUC814ARUZ Datasheet HTML 3Page - Analog Devices ADUC814ARUZ Datasheet HTML 4Page - Analog Devices ADUC814ARUZ Datasheet HTML 5Page - Analog Devices ADUC814ARUZ Datasheet HTML 6Page - Analog Devices ADUC814ARUZ Datasheet HTML 7Page - Analog Devices ADUC814ARUZ Datasheet HTML 8Page - Analog Devices ADUC814ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
ADuC814
Rev. A | Page 4 of 72
SPECIFICATIONS
Table 1. AVDD = DVDD = 2.7 V to 3.3 V or 4.5 V to 5.5 V, VREF = 2.5 V internal reference, XTAL1/XTAL2 = 32.768 kHz crystal. All
specifications TMIN to TMAX, unless otherwise specified1
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions
ADC CHANNEL SPECIFICATIONS
A GRADE
DC ACCURACY2,3
fSAMPLE = 147 kHz
Resolution
12
12
Bits
Integral Nonlinearity
2
2
LSB max
2.5 V internal reference
1
1
LSB typ
2.5
2.5
LSB typ
1.0 V external reference
Differential Nonlinearity
4
4
LSB max
2.5 V internal reference
2
2
LSB typ
5
5
LSB typ
1.0 V external reference
CALIBRATED ENDPOINT ERRORS4, 5
Offset Error
5
5
LSB max
Offset Error Match
1
1
LSB typ
Gain Error
5
5
LSB max
Gain Error Match
1
1
LSB typ
DYNAMIC PERFORMANCE6
fIN = 10 kHz sine wave
fSAMPLE = 147 kHz
Signal to Noise Ratio (SNR)7
62.5
62.5
dB typ
Total Harmonic Distortion (THD)
–65
–65
dB typ
Peak Harmonic or Spurious Noise
–65
–65
dB typ
Channel-to-Channel Crosstalk8
–80
–80
dB typ
B GRADE
DC ACCURACY2, 3
fSAMPLE = 147 kHz
Resolution
12
12
Bits
Integral Nonlinearity
1
1
LSB max
2.5 V internal reference
0.3
0.3
LSB typ
1.5
1.5
LSB max
1.0 V external reference11
Differential Nonlinearity
0.9
0.9
LSB max
2.5 V internal reference
0.25
0.25
LSB typ
+1.5/–0.9
1.5/–0.9
LSB max
1.0 V external reference11
Code Distribution
1
1
LSB typ
ADC input is a dc voltage
CALIBRATED ENDPOINT ERRORS4, 5
Offset Error
2
3
LSB max
Offset Error Match
1
1
LSB typ
Gain Error
2
3
LSB max
Gain Error Match
1
1
LSB typ
DYNAMIC PERFORMANCE6
fIN = 10 kHz sine wave
fSAMPLE = 147 kHz
Signal to Noise Ratio (SNR)7
71
71
dB typ
Total Harmonic Distortion (THD)
–85
–85
dB typ
Peak Harmonic or Spurious Noise
–85
–85
dB typ
Channel-to-Channel Crosstalk8
–80
–80
dB typ
ANALOG INPUT
Input Voltage Ranges
0 to VREF
0 to VREF
V
Leakage Current
1
1
µA max
Input Capacitance
32
32
pF typ


Similar Part No. - ADUC814ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814ARU AD-ADUC814ARU Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARU AD-ADUC814ARU Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814ARU-REEL AD-ADUC814ARU-REEL Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARU-REEL7 AD-ADUC814ARU-REEL7 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
More results

Similar Description - ADUC814ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC814 AD-ADUC814 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
   MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC843BSZ62-5 AD-ADUC843BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com