Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL032P0XBHI030 Datasheet(PDF) 10 Page - SPANSION

Part # S25FL032P0XBHI030
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P0XBHI030 Datasheet(HTML) 10 Page - SPANSION

Back Button S25FL032P0XBHI030 Datasheet HTML 6Page - SPANSION S25FL032P0XBHI030 Datasheet HTML 7Page - SPANSION S25FL032P0XBHI030 Datasheet HTML 8Page - SPANSION S25FL032P0XBHI030 Datasheet HTML 9Page - SPANSION S25FL032P0XBHI030 Datasheet HTML 10Page - SPANSION S25FL032P0XBHI030 Datasheet HTML 11Page - SPANSION S25FL032P0XBHI030 Datasheet HTML 12Page - SPANSION S25FL032P0XBHI030 Datasheet HTML 13Page - SPANSION S25FL032P0XBHI030 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
10
S25FL032P
S25FL032P_00_09 January 29, 2013
Data
She e t
Figure 2.2 8-pin Plastic Small Outline Package (SO)
Figure 2.3 8-contact USON (5 x 6 mm) Package
Note
There is an exposed central pad on the underside of the USON package. This should not be connected to any voltage or signal line on the
PCB. Connecting the central pad to GND (VSS) is possible, provided PCB routing ensures 0mV difference between voltage at the USON
GND (VSS) lead and the central exposed pad.
Figure 2.4 8-contact WSON Package (6 x 8 mm)
Note
There is an exposed central pad on the underside of the WSON package. This should not be connected to any voltage or signal line on the
PCB. Connecting the central pad to GND (VSS) is possible, provided PCB routing ensures 0mV difference between voltage at the WSON
GND (VSS) lead and the central exposed pad.
Figure 2.5 6x8 mm 24-ball BGA Package, 5x5 pin Configuration
1
2
3
4
CS#
SO/IO1
W#/ACC/IO2
GND
SI/IO0
SCK
HOLD#/IO3
VCC
5
6
7
8
1
2
3
4
5
6
7
8
CS#
SO/IO1
HOLD#/IO3
SCK
SI/IO0
GND
USON
W#/ACC/IO2
VCC
1
2
3
4
5
6
7
8
CS#
SO/IO1
HOLD#/IO3
SCK
SI/IO0
GND
WSON
W#/ACC/IO2
VCC
SCK
NC
NC
GND
VCC
NC
B2
B3
B4
B5
CS#
NC W#/ACC/IO2
NC
C1
C2
C3
C4
C5
SO/IO1
SI/IO0 HOLD#/IO3
NC
D1
D2
D3
D4
D5
NC
NC
NC
E1
E2
E3
NC
NC
E4
E5
NC
NC
NC
NC
A2
A3
A4
A5
B1
NC


Similar Part No. - S25FL032P0XBHI030

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results

Similar Description - S25FL032P0XBHI030

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com