Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4106BRUZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4106BRUZ-RL
Description  PLL Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106BRUZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4106BRUZ-RL Datasheet HTML 5Page - Analog Devices ADF4106BRUZ-RL Datasheet HTML 6Page - Analog Devices ADF4106BRUZ-RL Datasheet HTML 7Page - Analog Devices ADF4106BRUZ-RL Datasheet HTML 8Page - Analog Devices ADF4106BRUZ-RL Datasheet HTML 9Page - Analog Devices ADF4106BRUZ-RL Datasheet HTML 10Page - Analog Devices ADF4106BRUZ-RL Datasheet HTML 11Page - Analog Devices ADF4106BRUZ-RL Datasheet HTML 12Page - Analog Devices ADF4106BRUZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADF4106
Rev. E | Page 9 of 24
–40
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
100Hz
1MHz
FREQUENCY OFFSET FROM 5800MHz CARRIER
10dB/DIV
RL = –40dBc/Hz
RMS NOISE = 1.8
°
Figure 11. Integrated Phase Noise (5.8 GHz,1 MHz, and 100 kHz)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–2M
–1M
5800
1M
2M
FREQUENCY (Hz)
REF LEVEL = –10dBm
–65.0dBc
–66.0dBc
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 13 SECONDS
AVERAGES = 1
Figure 12. Reference Spurs (5.8 GHz,1 MHz, and 100 kHz)
–60
–100
–90
–80
–70
100
–40
–20
0
20
40
60
80
TEMPERATURE (
°C)
VDD = 3V
VP = 3V
Figure 13. Phase Noise (5.8 GHz,1 MHz, and 100 kHz) vs. Temperature
–5
–105
–95
–85
–75
–65
–55
–45
–35
–25
–15
5
0
1
2
3
4
TUNNING VOLTAGE (V)
VDD = 3V
VP = 5V
Figure 14. Reference Spurs vs. VTUNE (5.8 GHz,1 MHz, and 100 kHz)
–120
–180
–170
–160
–150
–140
–130
100M
10k
100k
1M
10M
PHASE ETECTOR FREQUENCY (Hz)
VDD = 3V
VP = 5V
Figure 15. Phase Noise (Referred to CP Output) vs. PFD Frequency
–6
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCP (V)
VPP = 5V
ICP SETTLING = 5mA
Figure 16. Charge Pump Output Characteristics


Similar Part No. - ADF4106BRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4106BRUZ-RL AD-ADF4106BRUZ-RL Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4106BRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com