Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-0300 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HLMP-0300
Description  2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-0300 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HLMP-0300 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-0300 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-0300 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-0300 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
.315 (8.00)
.290 (7.37)
.050 (1.27)
NOMINAL
.295 (7.49)
.275 (6.99)
.018 (.45) SQ
NOMINAL 2 PLS
.100 (2.54)
NOMINAL
.100 (2.54)
.090 (2.29)
1.00 (25.4)
MIN.
ANODE
CATHODE
PACKAGE DIMENSIONS
HIGH EFFICIENCY RED HLMP- 0300/1
YELLOW HLMP- 0400/1
HIGH EFFICIENCY GREEN HLMP- 0503/4
NOTES:
1. ALL DIMENSIONS ARE IN INCHES (mm).
2. TOLERANCES ARE ± 0.010” INCH UNLESS SPECIFIED.
3. AN EPOXY MENISCUS MAY EXTEND ABOUT
0.040” (1mm) DOWN THE LEADS.
DESCRIPTION
The HLMP-0X0X series of rectangular lamps are direct replace-
ments for Agilent’s series with the same part numbers. The series
is similar to MV5X123 except for the larger lens size. Like the
MV5X123, the HLMP-0X0X is stackable. The lamps are tinted
and diffused.
2.5 X 7.4 mm RECTANGULAR
SOLID STATE LAMPS
FEATURES
• Wide viewing angle
• Solid state reliability
• Perfect for panel indicators
Parameter
HER
YELLOW
HEG
UNITS
Power Dissipation (HLMP-040X=85mA)
135
135
135
mW
Peak Forward Current (1
µsec pluse, 0.3% DC)
90
90
60
mA
Continuous DC Forward Current
30
20
30
mA
Lead Soldering Time at 260
° C
555
sec
Operating Temperature
-55 to +100
-55 to +100
-50 to +100
°C
Storage Temperature
-55 to +100
-55 to +100
-50 to +100
°C
ABSOLUTE MAXIMUM RATING (TA =25°C)
 2001 Fairchild Semiconductor Corporation
DS300002
2/27/01
1 OF 4
www.fairchildsemi.com


Similar Part No. - HLMP-0300

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Similar Description - HLMP-0300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L173 ETC-L173 Datasheet
163Kb / 5P
   2.5 X 5 MM RECTANGULAR SOLID LAMPS
logo
Kingbright Corporation
L-513 KINGBRIGHT-L-513 Datasheet
178Kb / 6P
   2.5 X 5MM RECTANGULAR SOLID LAMPS
logo
List of Unclassifed Man...
L513HDT ETC-L513HDT Datasheet
178Kb / 6P
   2.5 X 5MM RECTANGULAR SOLID LAMPS
logo
QT Optoelectronics
MV53123 QT-MV53123 Datasheet
227Kb / 3P
   RECTANGULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV53123 FAIRCHILD-MV53123 Datasheet
251Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
MV53124A FAIRCHILD-MV53124A Datasheet
281Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
   2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
logo
List of Unclassifed Man...
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com