Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32671L0682 Datasheet(PDF) 23 Page - EPCOS

Part # B32671L0682
Description  Film Capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32671L0682 Datasheet(HTML) 23 Page - EPCOS

Back Button B32671L0682 Datasheet HTML 19Page - EPCOS B32671L0682 Datasheet HTML 20Page - EPCOS B32671L0682 Datasheet HTML 21Page - EPCOS B32671L0682 Datasheet HTML 22Page - EPCOS B32671L0682 Datasheet HTML 23Page - EPCOS B32671L0682 Datasheet HTML 24Page - EPCOS B32671L0682 Datasheet HTML 25Page - EPCOS B32671L0682 Datasheet HTML 26Page - EPCOS B32671L0682 Datasheet HTML 27Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Immersion depth
2.0 +0/ 0.5 mm from capacitor body or seating plane
Shield
Heat-absorbing board, (1.5
±0.5) mm thick, between capacitor
body and liquid solder
Evaluation criteria:
Visual inspection
No visible damage
∆C/C
0
2% for MKT/MKP/MFP
5% for EMI suppression capacitors
tan
δ
As specified in sectional specification
B32671L ... B32672L
High V AC, high temperature (wound)
Page 23 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32671L0682

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32671L0682 EPCOS-B32671L0682 Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32671L0682 EPCOS-B32671L0682 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32671L0682 EPCOS-B32671L0682 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
B32671L0682 TDK-B32671L0682 Datasheet
863Kb / 39P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32671L0682

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com