Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8402ARUZ10-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8402ARUZ10-REEL
Description  1-/2-/4-Channel Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8402ARUZ10-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8402ARUZ10-REEL Datasheet HTML 7Page - Analog Devices AD8402ARUZ10-REEL Datasheet HTML 8Page - Analog Devices AD8402ARUZ10-REEL Datasheet HTML 9Page - Analog Devices AD8402ARUZ10-REEL Datasheet HTML 10Page - Analog Devices AD8402ARUZ10-REEL Datasheet HTML 11Page - Analog Devices AD8402ARUZ10-REEL Datasheet HTML 12Page - Analog Devices AD8402ARUZ10-REEL Datasheet HTML 13Page - Analog Devices AD8402ARUZ10-REEL Datasheet HTML 14Page - Analog Devices AD8402ARUZ10-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD8400/AD8402/AD8403
Rev. E | Page 11 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to GND
−0.3 V, +8 V
VA, VB, VW to GND
0 V, VDD
Maximum Current
IWB, IWA Pulsed
±20 mA
IWB Continuous (RWB ≤ 1 kΩ, A Open)1
±5 mA
IWA Continuous (RWA ≤ 1 kΩ, B Open)1
±5 mA
IAB Continuous (RAB = 1 kΩ/10 kΩ/
50 kΩ/100 kΩ)1
±2.1 mA/±2.1 mA/
±540 μA/±540 μA
Digital Input and Output Voltage
to GND
0 V, 7 V
Operating Temperature Range
−40°C to +125°C
Maximum Junction Temperature
(TJ Maximum)
150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Package Power Dissipation
(TJ max − TA)/θJA
Thermal Resistance (θJA)
SOIC (R-8)
158°C/W
PDIP (N-14)
83°C/W
PDIP (N-24)
63°C/W
SOIC (R-14)
120°C/W
SOIC (R-24)
70°C/W
TSSOP-14 (RU-14)
180°C/W
TSSOP-24 (RU-24)
143°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
SERIAL DATA-WORD FORMAT
Table 6.
ADDR
DATA
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
MSB
LSB
29
28
27
20
1 Maximum terminal current is bounded by the maximum applied voltage
across any two of the A, B, and W terminals at a given resistance, the maximum
current handling of the switches, and the maximum power dissipation of the
package; VDD = 5 V.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD8402ARUZ10-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8402ARUZ10-REEL AD-AD8402ARUZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results

Similar Description - AD8402ARUZ10-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com