Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL128SDPMFIG11 Datasheet(PDF) 38 Page - SPANSION

Part # S25FL128SDPMFIG11
Description  MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL128SDPMFIG11 Datasheet(HTML) 38 Page - SPANSION

Back Button S25FL128SDPMFIG11 Datasheet HTML 34Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 35Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 36Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 37Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 38Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 39Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 40Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 41Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 153 page
background image
38
S25FL128S and S25FL256S
S25FL128S_256S_00_05 July 12, 2012
Da ta
Sh e e t
6.2.1
Capacitance Characteristics
Note:
1. For more information on capacitance, please consult the IBIS models.
6.3
Reset
6.3.1
Power-On (Cold) Reset
The device executes a Power-On Reset (POR) process until a time delay of tPU has elapsed after the
moment that VCC rises above the minimum VCC threshold. See Figure 5.3 on page 35, Table 5.2 on page 35,
and Table 6.3 on page 39. The device must not be selected (CS# to go high with VIO) during power-up (tPU),
i.e. no commands may be sent to the device until the end of tPU. RESET# is ignored during POR. If RESET#
is low during POR and remains low through and beyond the end of tPU, CS# must remain high until tRH after
RESET# returns high. RESET# must return high for greater than tRS before returning low to initiate a
hardware reset.
Figure 6.4 Reset Low at the End of POR
Figure 6.5 Reset High at the End of POR
Figure 6.6 POR followed by Hardware Reset
Table 6.2 Capacitance
Parameter
Test Conditions
Min
Max
Unit
CIN
Input Capacitance (applies to SCK, CS#, RESET#)
1 MHz
8
pF
COUT
Output Capacitance (applies to All I/O)
1 MHz
8
pF
VCC
VIO
RESET#
CS#
If RESET# is low at tPU end
CS# must be high at tPU end
tPU
tRH
VCC
VIO
RESET#
CS#
If RESET# is high at tPU end
CS# may stay high or go low at tPU end
tPU
tPU
VCC
VIO
RESET#
CS#
tRS
tPU
tPU


Similar Part No. - S25FL128SDPMFIG11

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
logo
Cypress Semiconductor
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL128SAGMFI001 SPANSION-S25FL128SAGMFI001 Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SAGMFIR01 SPANSION-S25FL128SAGMFIR01 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
More results

Similar Description - S25FL128SDPMFIG11

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128SAGMFIR01 SPANSION-S25FL128SAGMFIR01 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512S SPANSION-S25FL512S Datasheet
5Mb / 143P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SAGMFI001 SPANSION-S25FL128SAGMFI001 Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512SAGBHI313 SPANSION-S25FL512SAGBHI313 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGMFI000 SPANSION-S25FL256SAGMFI000 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O
S25FL132K SPANSION-S25FL132K Datasheet
3Mb / 85P
   CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O Industrial and Automotive Temperature
S25FL116K SPANSION-S25FL116K Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
logo
Cypress Semiconductor
S25FS128S CYPRESS-S25FS128S Datasheet
4Mb / 151P
   1.8 V, Serial Peripheral Interface with Multi-I/O, MirrorBit짰 Non-Volatile Flash
logo
SPANSION
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com