Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL128SDPMFIG11 Datasheet(PDF) 35 Page - SPANSION

Part # S25FL128SDPMFIG11
Description  MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL128SDPMFIG11 Datasheet(HTML) 35 Page - SPANSION

Back Button S25FL128SDPMFIG11 Datasheet HTML 31Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 32Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 33Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 34Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 35Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 36Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 37Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 38Page - SPANSION S25FL128SDPMFIG11 Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 153 page
background image
July 12, 2012 S25FL128S_256S_00_05
S25FL128S and S25FL256S
35
Data
She e t
Figure 5.3 Power-up
Figure 5.4 Power-down and Voltage Drop
Table 5.2 Power-up/Power-down Voltage and Timing
Symbol
Parameter
Min
Max
Unit
VCC (min)
VCC (minimum operation voltage)
2.7
V
VCC (cut-off)
VCC (Cut 0ff where re-initialization is needed)
2.4
V
VCC (low)
VCC (low voltage for initialization to occur)
VCC (Low voltage for initialization to occur at embedded)
1.0
2.3
V
tPU
VCC (min) to Read operation
300
µs
tPD
VCC (low) time
1.0
µs
(max)
(min)
VCC
tPU
Full Device Access
Time
VCC
VCC
tPD
(max)
(min)
VCC
tPU
Device Access
Allowed
Time
VCC
VCC
No Device Access Allowed
(cut-off)
VCC
(low)
VCC


Similar Part No. - S25FL128SDPMFIG11

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
logo
Cypress Semiconductor
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL128SAGMFI001 SPANSION-S25FL128SAGMFI001 Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SAGMFIR01 SPANSION-S25FL128SAGMFIR01 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
More results

Similar Description - S25FL128SDPMFIG11

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128SAGMFIR01 SPANSION-S25FL128SAGMFIR01 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512S SPANSION-S25FL512S Datasheet
5Mb / 143P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SAGMFI001 SPANSION-S25FL128SAGMFI001 Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512SAGBHI313 SPANSION-S25FL512SAGBHI313 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGMFI000 SPANSION-S25FL256SAGMFI000 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O
S25FL132K SPANSION-S25FL132K Datasheet
3Mb / 85P
   CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O Industrial and Automotive Temperature
S25FL116K SPANSION-S25FL116K Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
logo
Cypress Semiconductor
S25FS128S CYPRESS-S25FS128S Datasheet
4Mb / 151P
   1.8 V, Serial Peripheral Interface with Multi-I/O, MirrorBit짰 Non-Volatile Flash
logo
SPANSION
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com