Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9288 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9288
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288 Datasheet(HTML) 3 Page - Analog Devices

  AD9288 Datasheet HTML 1Page - Analog Devices AD9288 Datasheet HTML 2Page - Analog Devices AD9288 Datasheet HTML 3Page - Analog Devices AD9288 Datasheet HTML 4Page - Analog Devices AD9288 Datasheet HTML 5Page - Analog Devices AD9288 Datasheet HTML 6Page - Analog Devices AD9288 Datasheet HTML 7Page - Analog Devices AD9288 Datasheet HTML 8Page - Analog Devices AD9288 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD9288
Rev. C | Page 3 of 24
SPECIFICATIONS
VDD = 3.0 V; VD = 3.0 V, differential input; external reference, unless otherwise noted.
Table 1.
Test
AD9288BST-100
AD9288BST-80
AD9288BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
8
Bits
DC ACCURACY
Differential Nonlinearity
25°C
I
± 0.5
+1.25
± 0.5
+1.25
± 0.5
+1.25
LSB
Full
VI
1.50
1.50
1.50
LSB
Integral Nonlinearity
25°C
I
± 0.50
+1.25
± 0.50
+1.25
± 0.50
+1.25
LSB
Full
VI
1.50
1.50
1.50
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Guaranteed
Gain Error1
25°C
I
–6
± 2.5
+6
–6
± 2.5
+6
–6
± 2.5
+6
% FS
Full
VI
–8
+8
–8
+8
–8
+8
% FS
Gain Tempco1
Full
VI
80
80
80
ppm/°C
Gain Matching
25°C
V
±1.5
±1.5
±1.5
% FS
Voltage Matching
25°C
V
±15
±15
±15
mV
ANALOG INPUT
Input Voltage Range (with
Respect to AIN)
Full
V
±512
±512
±512
mV p-p
Common-Mode Voltage
Full
V
0.3 ×
VD
0.3 × VD
0.3 ×
VD
0.3 ×
VD
0.3 × VD
0.3 ×
VD
0.3 ×
VD
0.3 × VD
0.3 ×
VD
V
–0.2
+0.2
–0.2
+0.2
–0.2
+0.2
Input Offset Voltage
25°C
I
–35
±10
+35
–35
± 10
+35
–35
± 10
+35
mV
Full
VI
–40
+40
–40
+40
–40
+40
mV
Reference Voltage
Full
VI
1.2
1.25
1.3
1.2
1.25
1.3
1.2
1.25
1.3
V
Reference Tempco
Full
VI
± 130
± 130
± 130
ppm/°C
Input Resistance
25°C
I
7
10
13
7
10
13
7
10
13
kΩ
Full
VI
5
16
5
16
5
16
Input Capacitance
25°C
V
2
2
2
pF
Analog Bandwidth, Full
Power
25°C
V
475
475
475
MHz
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
100
80
40
MSPS
Minimum Conversion Rate
25°C
IV
1
1
1
MSPS
Encode Pulse Width High (tEH)
25°C
IV
4.3
1000
5.0
1000
8.0
1000
ns
Encode Pulse Width Low (tEL)
25°C
IV
4.3
1000
5.0
1000
8.0
1000
ns
Aperture Delay (tA)
25°C
V
300
300
300
ps
Aperture Uncertainty (Jitter)
25°C
V
5
5
5
ps rms
Output Valid Time (tV)2
Full
VI
2
3.0
2
3.0
2
3.0
ns
Output Propagation Delay
(tPD)2
Full
VI
4.5
6.0
4.5
6.0
4.5
6.0
ns
DIGITAL INPUTS
Logic 1 Voltage
Full
VI
2.0
2.0
2.0
V
Logic 0 Voltage
Full
VI
0.8
0.8
0.8
V
Logic 1 Current
Full
VI
± 1
± 1
± 1
µA
Logic 0 Current
Full
VI
± 1
± 1
± 1
µA
Input Capacitance
25°C
V
2.0
2.0
2.0
pF
DIGITAL OUTPUTS3
Logic 1 Voltage
Full
VI
2.45
2.45
2.45
V
Logic 0 Voltage
Full
VI
0.05
0.05
0.05
V
POWER SUPPLY
Power Dissipation4
Full
VI
180
218
171
207
156
189
mW
Standby Dissipation4, 5
Full
VI
6
11
6
11
6
11
mW
Power Supply Rejection
Ratio (PSRR)
25°C
I
8
20
8
20
8
20
mV/V


Similar Part No. - AD9288

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9288 AD-AD9288 Datasheet
633Kb / 25P
   Dual A/D Converter
AD9288 AD-AD9288 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288/PCB AD-AD9288/PCB Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9288/PCB AD-AD9288/PCB Datasheet
633Kb / 25P
   Dual A/D Converter
More results

Similar Description - AD9288

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com