Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7568BPZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD7568BPZ-REEL
Description  LC2MOS Octal 12-Bit DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7568BPZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7568BPZ-REEL Datasheet HTML 4Page - Analog Devices AD7568BPZ-REEL Datasheet HTML 5Page - Analog Devices AD7568BPZ-REEL Datasheet HTML 6Page - Analog Devices AD7568BPZ-REEL Datasheet HTML 7Page - Analog Devices AD7568BPZ-REEL Datasheet HTML 8Page - Analog Devices AD7568BPZ-REEL Datasheet HTML 9Page - Analog Devices AD7568BPZ-REEL Datasheet HTML 10Page - Analog Devices AD7568BPZ-REEL Datasheet HTML 11Page - Analog Devices AD7568BPZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AD7568
–8–
UNIPOLAR BINARY OPERATION
(2-Quadrant Multiplication)
Figure 15 shows the standard unipolar binary connection dia-
gram for one of the DACs in the AD7568. When VIN is an ac
signal, the circuit performs 2-quadrant multiplication. Resistors
R1 and R2 allow the user to adjust the DAC gain error. Offset
can be removed by adjusting the output amplifier offset voltage.
A1 should be chosen to suit the application. For example, the
AD OP07 or OP177 are ideal for very low bandwidth applica-
tions while the AD843 and AD845 offer very fast settling time
in wide bandwidth applications. Appropriate multiple versions
of these amplifiers can be used with the AD7568 to reduce
board space requirements.
The code table for Figure 15 is shown in Table III.
DAC A
A1
I
A
OUT1
I
A
OUT2
AD7568
V
OUT
R
A
FB
V
A
REF
V
IN
NOTES
1. ONLY ONE DAC IS SHOWN FOR CLARITY.
2. DIGITAL INPUT CONNECTIONS ARE OMITTED.
3. C1 PHASE COMPENSATION (5–15pF) MAY BE
REQUIRED WHEN USING HIGH SPEED AMPLIFIER, A1.
R2 10
R1 20
SIGNAL
GND
A1: OP-177
ADOP-07
AD711
AD843
AD845
C1
Figure 15. Unipolar Binary Operation
Table III. Unipolar Binary Code Table
Digital Input
Analog Output
MSB………LSB
(VOUT As Shown in Figure 15)
1111 1111 1111
–VREF (4095/4096)
1000 0000 0001
–VREF (2049/4096)
1000 0000 0000
–VREF (2048/4096)
0111 1111 1111
–VREF (2047/4096)
0000 0000 0001
–VREF (1/4096)
0000 0000 0000
–VREF (0/4096) = 0
NOTE
Nominal LSB size for the circuit of Figure 15 is given by:
VREF (1/4096).
BIPOLAR OPERATION
(4-Quadrant Multiplication)
Figure 16 shows the standard connection diagram for bipolar
operation of any one of the DACs in the AD7568. The coding is
offset binary as shown in Table IV. When VIN is an ac signal,
the circuit performs 4-quadrant multiplication. To maintain the
gain error specifications, resistors R3, R4 and R5 should be ra-
tio matched to 0.01%.
DAC A
A1
I
A
OUT1
I
A
OUT2
AD7568
V
OUT
R
A
FB
V
A
REF
V
IN
NOTES
1. ONLY ONE DAC IS SHOWN FOR CLARITY.
2. DIGITAL INPUT CONNECTIONS ARE OMITTED.
3. C1 PHASE COMPENSATION (5–15pF) MAY BE
REQUIRED WHEN USING HIGH SPEED AMPLIFIER, A1.
R2 10
R1 20
SIGNAL
GND
C1
A2
R3
10k
R5
20k
20k
R4
Figure 16. Bipolar Operation (4-Quadrant Multiplication)
Table IV. Bipolar (Offset Binary) Code Table
Digital Input
Analog Output
MSB . . . . . LSB
(VOUT As Shown in Figure 16)
1111 1111 1111
+VREF (2047/2048)
1000 0000 0001
+VREF (1/2048)
1000 0000 0000
+VREF (0/2048) = 0
0111 1111 1111
–VREF (1/2048)
0000 0000 0001
–VREF (2047/2048)
0000 0000 0000
–VREF (2048/2048) = –VREF
NOTE
Nominal LSB size for the circuit of Figure 16 is given by:
VREF (1/2048).
SINGLE SUPPLY CIRCUITS
The AD7568 operates from a single +5 V supply, and this
makes it ideal for single supply systems. When operating in such
a system, it is not possible to use the standard circuits of Figures
15 and 16 since these invert the analog input, VIN. There are
two alternatives. One of these continues to operate the DAC as
a current-mode device, while the other uses the voltage switch-
ing mode.
DAC A
A1
I
A
OUT1
I
A
OUT2
AD7568
V
BIAS
V
OUT
R
A
FB
V
A
REF
V
IN
NOTES
1. ONLY ONE DAC IS SHOWN FOR CLARITY.
2. DIGITAL INPUT CONNECTIONS ARE OMITTED.
3. C1 PHASE COMPENSATION (5–15pF) MAY BE
REQUIRED WHEN USING HIGH SPEED AMPLIFIER, A1.
Figure 17. Single Supply Current-Mode Operation
REV. C


Similar Part No. - AD7568BPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results

Similar Description - AD7568BPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228 AD-AD7228 Datasheet
457Kb / 16P
   LC2MOS Octal 8-Bit DAC
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7845 AD-AD7845 Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com