Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5220BR100 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5220BR100
Description  Increment/Decrement Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5220BR100 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5220BR100 Datasheet HTML 2Page - Analog Devices AD5220BR100 Datasheet HTML 3Page - Analog Devices AD5220BR100 Datasheet HTML 4Page - Analog Devices AD5220BR100 Datasheet HTML 5Page - Analog Devices AD5220BR100 Datasheet HTML 6Page - Analog Devices AD5220BR100 Datasheet HTML 7Page - Analog Devices AD5220BR100 Datasheet HTML 8Page - Analog Devices AD5220BR100 Datasheet HTML 9Page - Analog Devices AD5220BR100 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD5220
–6–
REV.
80
0
100k
1k
10k
60
40
20
1M
FREQUENCY – Hz
VDD = +5V DC 1V p-p AC
TA = +25 C
CODE = 40H
CL = 10pF
VA = 4V, VB = 0V
Figure 22. Power Supply Rejection
vs. Frequency
TEMPERATURE – C
0.10
0.0001
–40
0.001
–15
10
35
60
85
LOGIC = 0V OR VDD
VD = +5.5V
VDD = +3.3V
0.01
Figure 25. Supply Current vs. Tem-
perature IDD
CLOCK FREQUENCY – Hz
400
0
1k
10M
200
10k
100k
1M
350
150
300
100
250
50
DATA = 3FH
VB = 0V
TA = +25 C
VDD = +5.5V
VA = +5.5V
VDD = +2.7V
VA = +2.7V
Figure 23. IDD Supply Current vs.
Clock Frequency
DIGITAL INPUT VOLTAGE – V
10
0
1
0.1
0.01
0.001
1.0
2.0
3.0
4.0
5.0
TA = +25 C
ALL LOGIC INPUT
PINS TIED TOGETHER
VDD = +5V
VDD = +3V
Figure 26. Supply Current vs. Input
Logic Voltage
VB – Volts
80
0
01
6
23
45
60
40
20
TA = +25 C
SEE FIGURE 34
FOR TEST CIRCUIT
VDD = +2.7V
VDD = +5.5V
Figure 24. Incremental Wiper
Contact Resistance vs. VB
A


Similar Part No. - AD5220BR100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5220BR100 AD-AD5220BR100 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
More results

Similar Description - AD5220BR100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220 AD-AD5220 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5222 AD-AD5222 Datasheet
173Kb / 10P
   Increment/Decrement Dual Digital Potentiometer
REV. 0
AD5220 AD-AD5220_15 Datasheet
679Kb / 11P
   Increment Decrement Digital Potentionmeter
REV. A
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
   16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
   Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com