Electronic Components Datasheet Search |
|
BA78M05CP-E2 Datasheet(PDF) 5 Page - Rohm |
|
BA78M05CP-E2 Datasheet(HTML) 5 Page - Rohm |
5 / 13 page BA78□□Series,BA78M□□Series Technical Note 5/12 www.rohm.com 2012.03 - Rev.C © 2012 ROHM Co., Ltd. All rights reserved. ● Electrical Characteristics BA78□□CP/FP (Ta=25℃,Vin=10V(05),11V(06),13V(07),14V(08),15V(09),16V(10),19V(12),23V(15),27V(18),29V(20),33V(24),Io=500mA unless otherwise specified) Parameter Symbol Type Limit Unit Condition Min Typ Max Output Voltage 1 Vo1 05 4.8 5.0 5.2 V Io=500mA 06 5.75 6.0 6.25 07 6.7 7.0 7.3 08 7.7 8.0 8.3 09 8.6 9.0 9.4 10 9.6 10.0 10.4 12 11.5 12.0 12.5 15 14.4 15.0 15.6 18 17.3 18.0 18.7 20 19.2 20.0 20.8 24 23.0 24.0 25.0 Output Voltage 2 Vo2 05 4.75 - 5.25 V Vin=7.5~20V, Io=5mA~1A 06 5.7 - 6.3 Vin=8.5~21V, Io=5mA~1A 07 6.65 - 7.35 Vin=9.5~22V, Io=5mA~1A 08 7.6 - 8.4 Vin=10.5~23V, Io=5mA~1A 09 8.55 - 9.45 Vin=11.5~26V, Io=5mA~1A 10 9.5 - 10.5 Vin=12.5~25V, Io=5mA~1A 12 11.4 - 12.6 Vin=15~27V, Io=5mA~1A 15 14.25 - 15.75 Vin=17.5~30V, Io=5mA~1A 18 17.1 - 18.9 Vin=21~33V, Io=5mA~1A 20 19.0 - 21.0 Vin=23~33V, Io=5mA~1A 24 22.8 - 25.2 Vin=27~33V, Io=5mA~1A Line Regulation 1 Reg.I1 05 - 3 100 mV Vin=7~25V, Io=500mA 06 - 4 120 Vin=8~25V, Io=500mA 07 - 5 140 Vin=9~25V, Io=500mA 08 - 5 160 Vin=10.5~25V, Io=500mA 09 - 6 180 Vin=11.5~26V, Io=500mA 10 - 7 200 Vin=12.5~27V, Io=500mA 12 - 8 240 Vin=14.5~30V, Io=500mA 15 - 9 300 Vin=17.5~30V, Io=500mA 18 - 10 360 Vin=21~33V, Io=500mA 20 - 12 400 Vin=23~33V, Io=500mA 24 - 15 480 Vin=27~33V, Io=500mA Line Regulation 2 Reg.I2 05 - 1 50 mV Vin=8~12V, Io=500mA 06 - 2 60 Vin=9~13V, Io=500mA 07 - 2 70 Vin=10~15V, Io=500mA 08 - 3 80 Vin=11~17V, Io=500mA 09 - 4 90 Vin=13~19V, Io=500mA 10 - 4 100 Vin=14~20V, Io=500mA 12 - 5 120 Vin=16~22V, Io=500mA 15 - 5 150 Vin=20~26V, Io=500mA 18 - 5 180 Vin=24~30V, Io=500mA 20 - 7 200 Vin=26~32V, Io=500mA 24 - 10 240 Vin=30~33V, Io=500mA Ripple Rejection R.R. 05 62 78 - dB ein=1Vrms, f=120Hz, Io=100mA 06 59 73 - 07 57 69 - 08 56 65 - 09 56 64 - 10 55 64 - 12 55 63 - 15 54 62 - 18 53 61 - 20 53 60 - 24 50 58 - Temperature Coefficient of Output Voltage Tcvo 05 - -1.0 - mV/℃ Io=5mA, Tj=0~125℃ 06/07/08/09/10/12 - -0.5 - 15/18 - -0.6 - 20/24 - -0.7 - Peak Output Current Io-p common - 1.7 - A Tj=25℃ Dropout Voltage Vd common - 2.0 - V Io=1A |
Similar Part No. - BA78M05CP-E2 |
|
Similar Description - BA78M05CP-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |