Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP14N36G3VL Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HGTP14N36G3VL
Description  14A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP14N36G3VL Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HGTP14N36G3VL Datasheet HTML 1Page - Fairchild Semiconductor HGTP14N36G3VL Datasheet HTML 2Page - Fairchild Semiconductor HGTP14N36G3VL Datasheet HTML 3Page - Fairchild Semiconductor HGTP14N36G3VL Datasheet HTML 4Page - Fairchild Semiconductor HGTP14N36G3VL Datasheet HTML 5Page - Fairchild Semiconductor HGTP14N36G3VL Datasheet HTML 6Page - Fairchild Semiconductor HGTP14N36G3VL Datasheet HTML 7Page - Fairchild Semiconductor HGTP14N36G3VL Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTP14N36G3VL, HGT1S14N36G3VL, HGT1S14N36G3VLS Rev. B
HGTP14N36G3VL,
HGT1S14N36G3VL,
HGT1S14N36G3VLS
14A, 360V N-Channel,
Logic Level, Voltage Clamping IGBTs
Packages
JEDEC TO-220AB
JEDEC TO-262AA
JEDEC TO-263AB
Terminal Diagram
N-CHANNEL ENHANCEMENT MODE
EMITTER
COLLECTOR
GATE
COLLECTOR
(FLANGE)
EMITTER
COLLECTOR
GATE
COLLECTOR
(FLANGE)
EMITTER
GATE
COLLECTOR
(FLANGE)
EMITTER
GATE
R2
R1
COLLECTOR
Features
• Logic Level Gate Drive
• Internal Voltage Clamp
• ESD Gate Protection
•TJ = 175
oC
• Ignition Energy Capable
Description
This N-Channel IGBT is a MOS gated, logic level device
which is intended to be used as an ignition coil driver in auto-
motive ignition circuits. Unique features include an active
voltage clamp between the collector and the gate which pro-
vides Self Clamped Inductive Switching (SCIS) capability in
ignition circuits. Internal diodes provide ESD protection for
the logic level gate. Both a series resistor and a shunt
resister are provided in the gate circuit.
The development type number for this device is TA49021.
PACKAGING AVAILABILITY
PART NUMBER
PACKAGE
BRAND
HGTP14N36G3VL
TO-220AB
14N36GVL
HGT1S14N36G3VL
TO-262AA
14N36GVL
HGT1S14N36G3VLS
TO-263AB
14N36GVL
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-263AB variant in the tape and reel, i.e.,
HGT1S14N36G3VLS9A.
December 2001
Absolute Maximum Ratings T
C = +25
oC, Unless Otherwise Specified
HGTP14N36G3VL,
HGT1S14N36G3VL,
HGT1S14N36G3VLS
UNITS
Collector-Emitter Bkdn Voltage at 10mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . BVCER
390
V
Emitter-Collector Bkdn Voltage at 10mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . BVECS
24
V
Collector Current Continuous at VGE = 5V, TC = +25
oC. . . . . . . . . . . . . . . . . . . . . . . I
C25
18
A
at VGE = 5V, TC = +100
oC . . . . . . . . . . . . . . . . . . . . . . I
C100
14
A
Gate-Emitter Voltage (Note) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGEM
±10
V
Inductive Switching Current at L = 2.3mH, TC = +25
oC . . . . . . . . . . . . . . . . . . . . . . . I
SCIS
17
A
at L = 2.3mH, TC = + 175
oC . . . . . . . . . . . . . . . . . . . . . . I
SCIS
12
A
Collector to Emitter Avalanche Energy at L = 2.3mH, TC = +25
oC. . . . . . . . . . . . . . . E
AS
332
mJ
Power Dissipation Total at TC = +25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
D
100
W
Power Dissipation Derating TC > +25
oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.67
W/oC
Operating and Storage Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-40 to +175
oC
Maximum Lead Temperature for Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
260
oC
Electrostatic Voltage at 100pF, 1500
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ESD
6
KV
NOTE: May be exceeded if IGEM is limited to 10mA.


Similar Part No. - HGTP14N36G3VL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP14N36G3VL INTERSIL-HGTP14N36G3VL Datasheet
110Kb / 6P
   14A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
June 1995
More results

Similar Description - HGTP14N36G3VL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP14N36G3VL INTERSIL-HGTP14N36G3VL Datasheet
110Kb / 6P
   14A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
June 1995
logo
Fairchild Semiconductor
HGT1S20N36G3VL FAIRCHILD-HGT1S20N36G3VL Datasheet
256Kb / 7P
   20A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
HGT1S14N37G3VLS FAIRCHILD-HGT1S14N37G3VLS Datasheet
159Kb / 6P
   14A, 370V N-Channel, Logic Level, Voltage Clamping IGBTs
HGTP14N41G3VLS FAIRCHILD-HGTP14N41G3VLS Datasheet
193Kb / 6P
   14A, 410V N-Channel, Logic Level, Voltage Clamping IGBTs
logo
Intersil Corporation
HGTP14N40F3VL INTERSIL-HGTP14N40F3VL Datasheet
85Kb / 5P
   14A, 400V N-Channel, Logic Level Voltage Clamping IGBT
April 1995
logo
Fairchild Semiconductor
HGTP20N35G3VL FAIRCHILD-HGTP20N35G3VL Datasheet
209Kb / 8P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
logo
Intersil Corporation
HGTP20N35G3VL INTERSIL-HGTP20N35G3VL Datasheet
106Kb / 6P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
April 1995
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTD7N60C3S FAIRCHILD-HGTD7N60C3S Datasheet
166Kb / 8P
   14A, 600V, UFS Series N-Channel IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com