Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP12N60A4 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HGTP12N60A4
Description  600V, SMPS Series N-Channel IGBTs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP12N60A4 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HGTP12N60A4 Datasheet HTML 1Page - Fairchild Semiconductor HGTP12N60A4 Datasheet HTML 2Page - Fairchild Semiconductor HGTP12N60A4 Datasheet HTML 3Page - Fairchild Semiconductor HGTP12N60A4 Datasheet HTML 4Page - Fairchild Semiconductor HGTP12N60A4 Datasheet HTML 5Page - Fairchild Semiconductor HGTP12N60A4 Datasheet HTML 6Page - Fairchild Semiconductor HGTP12N60A4 Datasheet HTML 7Page - Fairchild Semiconductor HGTP12N60A4 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
HGTP12N60A4, HGTG12N60A4, HGT1S12N60A4S9A Rev. B2
FIGURE 5. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 6. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 7. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF ENERGY LOSS vs
COLLECTOR TO EMITTER CURRENT
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
00.5
1.0
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
4
8
1.5
2
2.5
16
20
12
TJ = 125
oC
TJ = 150
oC
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VGE = 12V
24
TJ = 25
oC
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
DUTY CYCLE < 0.5%, VGE = 15V
PULSE DURATION = 250
µs
TJ = 150
oC
TJ = 25
oC
TJ = 125
oC
0
0.5
1.0
1.5
2
2.5
4
8
16
12
20
24
0
500
300
ICE, COLLECTOR TO EMITTER CURRENT (A)
400
200
600
0
700
6
4
10
121416
818
20
22
24
TJ = 125
oC, V
GE = 12V, VGE = 15V
RG = 10Ω, L = 500µH, VCE = 390V
TJ = 25
oC, V
GE = 12V, VGE = 15V
100
2
300
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
50
200
100
250
350
400
TJ = 25
oC, V
GE = 12V OR 15V
TJ = 125
oC, V
GE = 12V OR 15V
150
6
4
2
10121416
8
18202224
RG = 10Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
10
11
12
13
14
15
6
4
2
1012
1416
8
1820
2224
16
17
18
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
TJ = 25
oC, T
J = 125
oC, V
GE = 12V
RG = 10Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
4
16
12
8
6
4
2
10121416
818
20
22
24
20
32
28
24
RG = 10Ω, L = 500µH, VCE = 390V
TJ = 125
oC, OR T
J = 25
oC, V
GE = 12V
TJ = 25
oC OR T
J = 125
oC, V
GE = 15V
HGTP12N60A4, HGTG12N60A4, HGT1S12N60A4S9A


Similar Part No. - HGTP12N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP12N60A4 INTERSIL-HGTP12N60A4 Datasheet
115Kb / 10P
   600V, SMPS Series N-Channel IGBT
May 1999
logo
Fairchild Semiconductor
HGTP12N60A4D FAIRCHILD-HGTP12N60A4D Datasheet
173Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTP12N60A4D INTERSIL-HGTP12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
More results

Similar Description - HGTP12N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N60A4 INTERSIL-HGTG20N60A4 Datasheet
354Kb / 9P
   600V, SMPS Series N-Channel IGBTs
October 1999
logo
Fairchild Semiconductor
HGT1S20N60A4S9A FAIRCHILD-HGT1S20N60A4S9A Datasheet
908Kb / 8P
   600V, SMPS Series N-Channel IGBTs
HGTG20N60A4 FAIRCHILD-HGTG20N60A4 Datasheet
140Kb / 8P
   600V, SMPS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com