Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6002 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE6002
Description  NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6002 Datasheet(HTML) 3 Page - NTE Electronics

  NTE6002 Datasheet HTML 1Page - NTE Electronics NTE6002 Datasheet HTML 2Page - NTE Electronics NTE6002 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
.687
(17.4)
Max
.453
(11.5)
Max
1.288
(32.71)
Max
.450
(11.4)
Max
.200 (5.08) Max
1/4–28 UNF–2A
.140 (3.65) Dia Max
.667 (16.9) Dia Max
.375 (9.55) Max


Similar Part No. - NTE6002

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE600 NTE-NTE600 Datasheet
69Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE6005 NTE-NTE6005 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE6006 NTE-NTE6006 Datasheet
20Kb / 2P
   Fast Recovery Rectifier, 40A, 200ns
NTE6007 NTE-NTE6007 Datasheet
20Kb / 2P
   Fast Recovery Rectifier, 40A, 200ns
NTE6008 NTE-NTE6008 Datasheet
20Kb / 2P
   Fast Recovery Rectifier, 40A, 200ns
More results

Similar Description - NTE6002

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5906 NTE-NTE5906 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE6032 NTE-NTE6032 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 40 Amp
logo
Central Semiconductor C...
CMSH1-40HE CENTRAL-CMSH1-40HE Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 40 THRU 200 VOLTS
CSHDD8-40 CENTRAL-CSHDD8-40_10 Datasheet
546Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
logo
NTE Electronics
NTE5850 NTE-NTE5850 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 6 Amp
NTE5962 NTE-NTE5962 Datasheet
19Kb / 2P
   Silicon Power Rectifier Diode, 25 Amp
NTE6036 NTE-NTE6036 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
NTE5844 NTE-NTE5844 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 20 Amp
NTE5940 NTE-NTE5940 Datasheet
24Kb / 3P
   Silicon Power Rectifier Diode, 15 Amp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com