Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGL030V5-VQ144I Datasheet(PDF) 4 Page - Microsemi Corporation

Part # AGL030V5-VQ144I
Description  IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGL030V5-VQ144I Datasheet(HTML) 4 Page - Microsemi Corporation

  AGL030V5-VQ144I Datasheet HTML 1Page - Microsemi Corporation AGL030V5-VQ144I Datasheet HTML 2Page - Microsemi Corporation AGL030V5-VQ144I Datasheet HTML 3Page - Microsemi Corporation AGL030V5-VQ144I Datasheet HTML 4Page - Microsemi Corporation AGL030V5-VQ144I Datasheet HTML 5Page - Microsemi Corporation AGL030V5-VQ144I Datasheet HTML 6Page - Microsemi Corporation AGL030V5-VQ144I Datasheet HTML 7Page - Microsemi Corporation AGL030V5-VQ144I Datasheet HTML 8Page - Microsemi Corporation AGL030V5-VQ144I Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 250 page
background image
IGLOO Low Power Flash FPGAs
IV
Revision 23
Temperature Grade Offerings
IGLOO Device Status
References made to IGLOO devices also apply to ARM-enabled IGLOOe devices. The ARM-enabled part numbers start with M1
(Cortex-M1).
Contact your local Microsemi SoC Products Group representative for device availability:
www.microsemi.com/soc/contact/default.aspx.
AGL015 and AGL030
The AGL015 and AGL030 are architecturally compatible; there are no RAM or PLL features.
Devices Not Recommended For New Designs
AGL015 is not recommended for new designs.
Package
AGL015 1
AGL030
AGL060
AGL125
AGL250
AGL400
AGL600
AGL1000
M1AGL250
M1AGL600 M1AGL1000
QN48
–C, I–
QN68
C, I
UC81
–C, I–
CS81
C, I
C, I
CS121
C, I
C, I
VQ100
C, I
C, I
C, I
C, I
QN132
C, I
C, I 2
C, I
C, I 2
––
CS196
C, I
C, I
C, I
FG144
––
C, I 2
C, I
C, I
C, I
C, I
C, I
FG256
––
––
C, I
C, I
C, I
CS281
––
––
C, I
C, I
FG484
––
––
C, I
C, I
C, I
Notes:
1. AGL015 is not recommended for new designs.
2. Device/package support TBD.
C = Commercial temperature range: 0°C to 70°C ambient temperature.
I = Industrial temperature range: –40°C to 85°C ambient temperature.
IGLOO Devices
Status
M1 IGLOO Devices
Status
AGL015
Not recommended for new designs.
AGL030
Production
AGL060
Production
AGL125
Production
AGL250
Production
M1AGL250
Production
AGL400
Production
AGL600
Production
M1AGL600
Production
AGL1000
Production
M1AGL1000
Production


Similar Part No. - AGL030V5-VQ144I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL030V5-VQ144I ACTEL-AGL030V5-VQ144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
More results

Similar Description - AGL030V5-VQ144I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com