Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R40-17D2-6C Datasheet(PDF) 1 Page - NTE Electronics

Part # R40-17D2-6C
Description  DPDT, 2 Amp, Sensitive Coil, Single Contact PC Mountable Relay for use in Telecommunications, Computer Peripherals, and Security Equipment
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

R40-17D2-6C Datasheet(HTML) 1 Page - NTE Electronics

  R40-17D2-6C Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
45
NTE Electronics, Inc.
Features
Ultra−Sensitive Coil
Epoxy Sealed
Standard 0.1” DIP Terminal
FCC Pt.68
Dual Coil, Latching Type (C)
DPDT, 2 Form “C”
Reset
Set
Reset
Set
116
89
611
413
116
89
611
413
215
DPDT, 2 Form “C”
4PDT, 4 Form “C”
(Dual Coil)
(Dual Coil)
116
89
611
413
215
314
512
710
indicates mounting orientation marks.
DC OPERATED
NTE TYPE No.
Nom.
Voltage
Contact
Arr.
Coil
Res.
Ohms
(Typ)
Nom.
Power
Max.
Contact
Cur. @
28VDC
or 120VAC
Diag
No.
R40−11D2−5/6
5/6VDC
DPDT
167
150mW
2A
D34
R40−11D2−5/6C
5/6VDC
DPDT
140*
180mW
2A
D34a
R40−11D2−12
12VDC
DPDT
960
150mW
2A
D34
R40−11D2−12C
12VDC
DPDT
800*
180mW
2A
D34a
R40−11D2−24
24VDC
DPDT
2880
200mW
2A
D34
R40−11D2−24C
24VDC
DPDT
3200*
180mW
2A
D34a
R40−11D2−48
48VDC
DPDT
7680
300mW
2A
D34
R40−17D2−5/6C
5/6VDC
4PDT
80*
320mW
2A
D34b
R40−17D2−12C
12VDC
4PDT
450*
320mW
2A
D34b
R40−17D2−24C
24VDC
4PDT
1800*
320mW
2A
D34b
* Each Coil.
ACCESSORIES
MOUNTING
STYLES
DESCRIPTION
NTE
TYPE NO.
DIP PC Mount
16−Lead DIP
NTE416
Wire Wrap Leads
16−Lead DIP
NTE436W16
R40 Series
DPDT, 2 Amp, Sensitive Coil, Single
Contact PC Mountable Relay for use
in Telecommunications, Computer
Peripherals, and Security Equipment.
D34
.300
(7.62)
.330
(8.38)
.787 (20.0)
.200 (5.08)
.200 (5.08)
.398
(10.11)
.300
(7.62)
.200
(5.08)
.433
(11.0)
.787 (20.0)
.200 (5.08)
.200 (5.08)
.398
(10.11)
.300
(7.62)
.100
(2.54)
.330
(8.38)
1.390 (35.31)
.398
(10.11)
.100 (2.54)
.200 (5.08)
.200 (5.08)
.300
(7.62)
.200 (5.08)
D34a
D34b
indicates mounting orientation marks.
Electrical Specifications
Contact
Rating: 2 Amp @ 120 VAC, 28 VDC (Note: U.L for 1 Amp Only)
Contact Material: Gold Clad Palladium Rutenium Alloy
Contact Resistance: 100M
Ω Max.
Coil
Coil Voltages: See Chart
Pick−up Voltage: 70% of rated voltage
Max Allowable Voltage: 200% of rated voltage
Operational Characteristics
Timing Value
Operate Time: 4.5 mS approx.
. . . . . .
Release Time: 1.5 mS approx.
Bounce Time: 3.5 mS approx. (Non−Latching)
50 mS approx. (Latching)
Set Time: 5 mS approx. (DPDT, Latching)
7 mS approx. (4PDT, Latching)
Reset Time: 5 mS approx. (DPDT, Latching)
7 mS approx. (4PDT, Latching)
Insulation Characteristics
Dielectric Strength
Contact To Coil: 1000 VRMS
Across Open Contacts: 1000 VRMS
Insulation Resistance: 100 M
Ω Min.
@ 500 VDC
Environmental Characteristics
Operating: −40
°C to +65°C
Mechanical Life: 20,000,000 operations min
Electrical Life: 300,000 @ 2A, 30 VDC
500,000 @ 0.5A, 120 VAC
Weight
Std: 6 gram approx.


Similar Part No. - R40-17D2-6C

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
R40-100 HARWIN-R40-100 Datasheet
2Mb / 1P
   Metric & Imperial Spacers
R40-1000502 HARWIN-R40-1000502 Datasheet
117Kb / 1P
   M3 HEXAGONAL FEMALE SPACER
R40-1000602 HARWIN-R40-1000602 Datasheet
117Kb / 1P
   M3 HEXAGONAL FEMALE SPACER
R40-1000702 HARWIN-R40-1000702 Datasheet
117Kb / 1P
   M3 HEXAGONAL FEMALE SPACER
R40-1000802 HARWIN-R40-1000802 Datasheet
117Kb / 1P
   M3 HEXAGONAL FEMALE SPACER
More results

Similar Description - R40-17D2-6C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
190 MACOM-190 Datasheet
61Kb / 2P
   2 Amp, DPDT, High Sensitivity, DIP PC Board Relay
logo
Analog Microelectronics
AME8503 AME-AME8503 Datasheet
491Kb / 17P
   Computer Peripherals
logo
Omron Electronics LLC
G6H-2-DC12 OMRON-G6H-2-DC12 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-DC5 OMRON-G6HU-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC5 OMRON-G6H-2-F-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC24 OMRON-G6H-2-F-DC24 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H OMRON-G6H Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-DC5 OMRON-G6H-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
logo
Toshiba Semiconductor
TLP173A TOSHIBA-TLP173A Datasheet
255Kb / 10P
   Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com