Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1225A-2TQ176M Datasheet(PDF) 26 Page - Microsemi Corporation

Part # A1225A-2TQ176M
Description  ACT 2 Family FPGAs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1225A-2TQ176M Datasheet(HTML) 26 Page - Microsemi Corporation

Back Button A1225A-2TQ176M Datasheet HTML 22Page - Microsemi Corporation A1225A-2TQ176M Datasheet HTML 23Page - Microsemi Corporation A1225A-2TQ176M Datasheet HTML 24Page - Microsemi Corporation A1225A-2TQ176M Datasheet HTML 25Page - Microsemi Corporation A1225A-2TQ176M Datasheet HTML 26Page - Microsemi Corporation A1225A-2TQ176M Datasheet HTML 27Page - Microsemi Corporation A1225A-2TQ176M Datasheet HTML 28Page - Microsemi Corporation A1225A-2TQ176M Datasheet HTML 29Page - Microsemi Corporation A1225A-2TQ176M Datasheet HTML 30Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
Detailed Specifications
2- 20
R e visio n 8
Table 2-20 • A1280A Worst-Case Commercial Conditions, VCC = 4.75 V, TJ = 70°C
TTL Output Module Timing1
–2 Speed
–1 Speed
Std. Speed
Units
Parameter/Description
Min.
Max.
Min.
Max.
Min.
Max.
tDLH
Data to Pad High
8.1
9.0
10.6
ns
tDHL
Data to Pad Low
10.2
11.4
13.4
ns
tENZH
Enable Pad Z to High
9.0
10.0
11.8
ns
tENZL
Enable Pad Z to Low
11.8
13.2
15.5
ns
tENHZ
Enable Pad High to Z
7.1
8.0
9.4
ns
tENLZ
Enable Pad Low to Z
8.4
9.5
11.1
ns
tGLH
G to Pad High
9.0
10.2
11.9
ns
tGHL
G to Pad Low
11.3
12.7
14.9
ns
dTLH
Delta Low to High
0.07
0.08
0.09
ns/pF
dTHL
Delta High to Low
0.12
0.13
0.16
ns/pF
CMOS Output Module Timing1
tDLH
Data to Pad High
10.3
11.5
13.5
ns
tDHL
Data to Pad Low
8.5
9.6
11.2
ns
tENZH
Enable Pad Z to High
9.0
10.0
11.8
ns
tENZL
Enable Pad Z to Low
11.8
13.2
15.5
ns
tENHZ
Enable Pad High to Z
7.1
8.0
9.4
ns
tENLZ
Enable Pad Low to Z
8.4
9.5
11.1
ns
tGLH
G to Pad High
9.0
10.2
11.9
ns
tGHL
G to Pad Low
11.3
12.7
14.9
ns
dTLH
Delta Low to High
0.12
0.13
0.16
ns/pF
dTHL
Delta High to Low
0.09
0.10
0.12
ns/pF
Notes:
1. Delays based on 50 pF loading.
2. SSO information can be found at www.microsemi.com/soc/techdocs/appnotes/board_consideration.aspx.


Similar Part No. - A1225A-2TQ176M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1225A-2TQ176M ACTEL-A1225A-2TQ176M Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results

Similar Description - A1225A-2TQ176M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com