Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5982 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE5982
Description  NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5982 Datasheet(HTML) 1 Page - NTE Electronics

  NTE5982 Datasheet HTML 1Page - NTE Electronics NTE5982 Datasheet HTML 2Page - NTE Electronics NTE5982 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE5906, NTE5907,
NTE5980 thru NTE6005
Silicon Power Rectifier Diode, 40 Amp
Features:
D High Surge Current Capability
D High Voltage Available
D Designed for a Wide Range of Applications
D Available in Anode–to–Case or Cathode–to–Case Style
Ratings and Characteristics:
Average Forward Current (TC = +140°C Max), IF(AV)
40A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Forward Surge Current, IFSM
50Hz
480A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
60Hz
500A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fusing Current, I2t
50Hz
1150A2s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
60Hz
1050A2s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fusing Current, I2
pt
16000A2
ps
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Reverse Recovery Voltage Range, VRRM
50 to 1600V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage Ratings:
NTE Type Number
VRRM–Max
Repetitive Peak
VRSM–Max
Non–Repetitive Peak
VR–Max.
Direct Reverse
VR(SR)
Minimum Avalanche
IRM–Max
Reverse Current
Reverse Volt.
(V)
Reverse Voltage
(V) tp < 5ms
Voltage
(V)
Voltage
(V)
Rated VRRM
(mA)
Cathode
to Case
Anode
to Case
TJ = –65° to +150°C
TJ = +25° to +150°C
TJ = –65° to +150°C
TJ = +25°C
TJ = +150°C
5980
5981
50
100
50
15
5982
5983
100
200
100
15
5986
5987
200
300
200
15
5988
5989
300
450
300
15
5990
5991
400
500
400
500
15
5992
5993
500
600
500
600
9
5994
5995
600
720
600
725
9
5998
5999
800
960
800
960
9
6002
6003
1000
1200
1000
1150
9
5906
5907
1200
1400
1200
1350
9
6004
6005
1600
1700
1600
1700
9


Similar Part No. - NTE5982

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE598 NTE-NTE598 Datasheet
18Kb / 2P
   Silicon Rectifier Ultra Fast, 600V, 8A
NTE5980 NTE-NTE5980 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
More results

Similar Description - NTE5982

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5906 NTE-NTE5906 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE6032 NTE-NTE6032 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 40 Amp
logo
Central Semiconductor C...
CMSH1-40HE CENTRAL-CMSH1-40HE Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 40 THRU 200 VOLTS
CSHDD8-40 CENTRAL-CSHDD8-40_10 Datasheet
546Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
logo
NTE Electronics
NTE5850 NTE-NTE5850 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 6 Amp
NTE5962 NTE-NTE5962 Datasheet
19Kb / 2P
   Silicon Power Rectifier Diode, 25 Amp
NTE6036 NTE-NTE6036 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
NTE5844 NTE-NTE5844 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 20 Amp
NTE5940 NTE-NTE5940 Datasheet
24Kb / 3P
   Silicon Power Rectifier Diode, 15 Amp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com