Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB-xx05S Datasheet(PDF) 3 Page - Recom International Power

Part # RB-xx05S
Description  Low Cost 1W Converter Power Sharing on Dual Output Version
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-xx05S Datasheet(HTML) 3 Page - Recom International Power

  RB-xx05S Datasheet HTML 1Page - Recom International Power RB-xx05S Datasheet HTML 2Page - Recom International Power RB-xx05S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Style and Pinning (mm)
Typical Characteristics - Dual Outputs
RB
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.312
1212
0512
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0515
3.315
1215
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0512
0.000
5.000
10.000
15.000
20.000
25.000
3.312
1212
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0515
0.000
5.000
10.000
15.000
20.000
25.000
3.315
1215
3rd angle
projection
SIP7 Package
1.27
0.25
12.70
2.0
10.20
0.51 typ.
4.10
0.51 typ.
RECOM
RB-0505S
****
Dual Output
12
5
RECOM
RB-0505S
****
6
4
2.54
1.00ø+0.15/–0
2.54
19.60
Top View
Bottom View
12
5
RECOM
RB-0505D
****
6
Single Output
4
6.00
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
4
NC
–Vout
5
–Vout
Com
6
+Vout
+Vout
NC = No Connection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RB-xx12D
RB-xx15D
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0509
1209
3.309
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0509
0.000
5.000
10.000
15.000
20.000
25.000
3.309
1209
RB-xx05D
RB-xx09D
REV: 1/2013
www.recom-electronic.com
E-48
Notes
Note 1
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
Certifications
CB Test Report
Report: SPCLVD1109103
IEC 60950-1:2005 2nd Ed.
UL General Safety
Report: E358085
UL 60950-1 2nd Ed.
EN General Safety
Report: SPCLVD1109103
EN60950-1:2006 + A12:2011
EN Medical Safety
Report: MDD1112018 + RM1112018
IEC/EN 60601-1 3rd EditionMedical Report + ISO14971 Risk Assessment


Similar Part No. - RB-xx05S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX05S RECOM-RB-XX05S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RB-xx05S RECOM-RB-xx05S Datasheet
126Kb / 3P
   1 Watt SIP7 Single & Dual Output
RB-xx05S RECOM-RB-xx05S Datasheet
121Kb / 3P
   1 Watt SIP7 Single & Dual Output-13
More results

Similar Description - RB-xx05S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REE-0505S RECOM-REE-0505S Datasheet
572Kb / 2P
   LOW COST 1W CONVERTER
RBE RECOM-RBE Datasheet
83Kb / 2P
   Low Cost 1W Converter
ROE RECOM-ROE Datasheet
300Kb / 4P
   Low Cost 1W Converter
ROE-0505S RECOM-ROE-0505S Datasheet
576Kb / 2P
   LOW COST 1W CONVERTER
RBE-0505S RECOM-RBE-0505S Datasheet
573Kb / 2P
   LOW COST 1W CONVERTER
REE RECOM-REE Datasheet
83Kb / 2P
   Low Cost 1W Converter
logo
MicroPower Direct, LLC
D100E MPD-D100E Datasheet
183Kb / 2P
   Low Cost, 1W SIP Single & Dual Output DC/DC Converters
G100E MPD-G100E Datasheet
183Kb / 2P
   Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
D100ED MPD-D100ED Datasheet
209Kb / 2P
   Very Low Cost, 1W SIP Dual Isolated Output DC/DC Converters
LF100EDI MPD-LF100EDI Datasheet
244Kb / 2P
   Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com