Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1037AK Datasheet(PDF) 6 Page - Rohm

Part # 2SA1037AK
Description  PNP -150mA -50V General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1037AK Datasheet(HTML) 6 Page - Rohm

Back Button 2SA1037AK Datasheet HTML 2Page - Rohm 2SA1037AK Datasheet HTML 3Page - Rohm 2SA1037AK Datasheet HTML 4Page - Rohm 2SA1037AK Datasheet HTML 5Page - Rohm 2SA1037AK Datasheet HTML 6Page - Rohm 2SA1037AK Datasheet HTML 7Page - Rohm 2SA1037AK Datasheet HTML 8Page - Rohm 2SA1037AK Datasheet HTML 9Page - Rohm 2SA1037AK Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SA2029 / 2SA1774EB / 2SA1774 / 2SA1576UB / 2SA1576A / 2SA1037AK
lElectrical characteristic curves(Ta = 25°C)
-1
-10
-100
-1000
-0.1
-1
-10
-100
Ta=25ºC
Single non repetitive pulse
2SA1576A
DC
(Mounted on a
reference land)
10ms
1ms
100ms
-1
-10
-100
-1000
-0.1
-1
-10
-100
Ta=25ºC
Single non repetitive pulse
2SA1037AK
DC
(Mounted on a
reference land)
10ms
1ms
100ms
-1
-10
-100
-1000
-0.1
-1
-10
-100
Ta=25ºC
Single non repetitive pulse
2SA1576UB
DC
(Mounted on a
reference land)
10ms
1ms
100ms
Fig.14 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : V
CE[ V]
Fig.15 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : V
CE [V]
Fig.13 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : V
CE [V]
6/12
2013.05 - Rev.A


Similar Part No. - 2SA1037AK

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1037AK ROHM-2SA1037AK Datasheet
76Kb / 3P
   General Purpose Transistor
logo
Foshan Blue Rocket Elec...
2SA1037AK FOSHAN-2SA1037AK Datasheet
722Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
logo
Weitron Technology
2SA1037AK WEITRON-2SA1037AK Datasheet
347Kb / 5P
   PNP General Purpose Transistors
logo
Rohm
2SA1037AK ROHM-2SA1037AK Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
2SA1037AK ROHM-2SA1037AK Datasheet
72Kb / 4P
   General Purpose Transistor
More results

Similar Description - 2SA1037AK

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
   General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
   General Purpose Transistor (-50V, -150mA)
2SD2654E3 ROHM-2SD2654E3 Datasheet
1Mb / 9P
   General purpose Transistor (50V, 150mA)
20221201 - Rev.002
2SA2029 ROHM-2SA2029 Datasheet
2Mb / 16P
   General Purpose Transistor (-50V, -150mA)
2SC2412KFRA ROHM-2SC2412KFRA Datasheet
1Mb / 9P
   General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4081U3HZG ROHM-2SC4081U3HZG Datasheet
1Mb / 10P
   General purpose small signal amplifier(50V, 150mA)
logo
AiT Semiconductor Inc.
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
logo
Rohm
2SC4081FRA ROHM-2SC4081FRA Datasheet
1Mb / 9P
   General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4617FRA ROHM-2SC4617FRA Datasheet
1,005Kb / 9P
   General purpose small signal amplifier (50V,150mA)
20190920 - Rev.002
logo
AiT Semiconductor Inc.
C945L AITSEMI-C945L Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com