Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT5A27N120BN Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HGT5A27N120BN
Description  72A, 1200V, NPT Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT5A27N120BN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HGT5A27N120BN Datasheet HTML 1Page - Fairchild Semiconductor HGT5A27N120BN Datasheet HTML 2Page - Fairchild Semiconductor HGT5A27N120BN Datasheet HTML 3Page - Fairchild Semiconductor HGT5A27N120BN Datasheet HTML 4Page - Fairchild Semiconductor HGT5A27N120BN Datasheet HTML 5Page - Fairchild Semiconductor HGT5A27N120BN Datasheet HTML 6Page - Fairchild Semiconductor HGT5A27N120BN Datasheet HTML 7Page - Fairchild Semiconductor HGT5A27N120BN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
HGTG27N120BN / HGT5A27N12BN Rev. C1
HGTG27N120BN / HGT5A27N120BN
72A, 1200V, NPT Series N-Channel IGBT
The HGTG27N120BN and HGT5A27N120BN are Non-
Punch Through (NPT) IGBT design. This is a new member
of the MOS gated high voltage switching IGBT family. IGBTs
combine the best features of MOSFETs and bipolar
transistors. This device has the high input impedance of a
MOSFET and the low on-state conduction loss of a bipolar
transistor.
The IGBT is ideal for many high voltage switching
applications operating at moderate frequencies where low
conduction losses are essential, such as: AC and DC motor
controls, power supplies and drivers for solenoids, relays
and contactors.
Formerly Developmental Type TA49280.
Symbol
Features
• 72A, 1200V, TC = 25
oC
• 1200V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . 140ns at TJ = 150
oC
• Short Circuit Rating
• Low Conduction Loss
• Thermal Impedance SPICE Model
Temperature Compensating SABER™ Model
www.fairchildsemi.com
• Avalanche Rated
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGTG27N120BN
TO-247
27N120BN
HGT5A27N120BN
TO-247-ST
27N120BN
NOTE: When ordering, use the entire part number.
C
E
G
JEDEC STYLE TO-247-ST
COLLECTOR
(BOTTOM SIDE
METAL)
G
C
E
G
C
E
COLLECTOR
(BOTTOM SIDE
METAL)
FAIRCHILD SEMICONDUCTOR IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,587,713
4,598,461
4,605,948
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
Data Sheet
August 2002


Similar Part No. - HGT5A27N120BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT5A27N120BN FAIRCHILD-HGT5A27N120BN Datasheet
178Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
More results

Similar Description - HGT5A27N120BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG27N120BN FAIRCHILD-HGTG27N120BN_04 Datasheet
178Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG11N120CN INTERSIL-HGTG11N120CN Datasheet
81Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
January 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com